Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8674ICSTRT Datasheet(PDF) 51 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 51 Page - Semtech Corporation

Back Button SX8674ICSTRT Datasheet HTML 47Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 48Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 49Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 50Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 51Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 52Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 53Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 54Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 55Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
51
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
6:5
HAPTTYPEEN
00
Defines the haptics load:
00 : OFF. Haptics block disabled.
01 : LRA
10 : ERM
11 : Reserved
4
HAPTRANGE
0
Defines MIN prescaler value:
0 : 128
1 : 256
3:0
HAPTGAIN
0000
Defines the haptics output gain:
0000 : 1
0001 : ~1.17
0010 : ~1.34
0011 : ~1.51
0100 : ~1.67
0101 : ~1.84
0110 : ~2.01
0111 : ~2.18
1000 : ~2.35
1001 : ~2.52
1010 : ~2.69
1011 : ~2.86
1100 : ~3.03
1101 : ~3.20
1110 : ~3.37
1111 : ~3.53
Exact formula is 1 + Code * 0.169
Table 18 : RegHapt0 (Addr 0x05)
Bits
Variable
Default
Description
7:6
Reserved
00
5:3
HAPTSQUELCH
000
Defines the Haptics squelch, i.e. the range of AmplitudeCode
(HAPTAMP or MIN duty cycle equivalent, Cf. §6) which will generate a
0V output (VMOUT):
000 : OFF. No squelch.
001 : -1 < AmplitudeCode < +1 (ie. AmplitudeCode = 0)
010 : -2 < AmplitudeCode < +2
011 : -4 < AmplitudeCode < +4
100 : -8 < AmplitudeCode < +8
101 : -16 < AmplitudeCode < +16
110 : -32 < AmplitudeCode < +32
111 : -64 < AmplitudeCode < +64
2
TEMPWRNIRQEDG
0
Enables TempWrnIrq to be generated when the chip temperature gets
below the alarm threshold :
0 : OFF. TempWrnIrq generated only when the chip temperature gets
above the alarm threshold.
1 : ON. TempWrnIrq generated both when the chip temperature gets
above and below the alarm threshold.
1
TEMPALRMIRQEDG
0
Enables TempAlrmIrq to be generated when the chip temperature gets
below the alarm threshold :
0 : OFF. TempAlrmIrq generated only when the chip temperature gets
above the alarm threshold.
1 : ON. TempAlrmIrq generated both when the chip temperature gets
above and below the alarm threshold.
0
TEMPALWAYSON
0
Enables the temperature monitoring even when no operation (touch,
proximity, haptics) is enabled:
0 : OFF
1 : ON
Table 19 : RegHapt1 (Addr 0x06)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com