Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT64LC40LATE13 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT64LC40LATE13
Description  1K/2K/4K-Bit SPI Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC40LATE13 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT64LC40LATE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT64LC40LATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT64LC40LATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT64LC40LATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC40LATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC40LATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC40LATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC40LATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC40LATE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Discontinued
Parts
2
CAT64LC10/20/40
Doc. No. 1021, Rev. C
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to Ground(1) ............ –2.0V to +VCC +2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100 mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of
the device at these or any other conditions outside of those
listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for
extended periods may affect device performance and
reliability.
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
UnitsReference Tes
t Method
NEND(3)
Endurance
1,000,000
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(3)
Data Retention
100
Years
MIL-STD-883, Test Method 1008
VZAP(3)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(3)(4)
Latch-Up
100
mA
JEDEC Standard 17
CAPACITANCE (TA = 25°C, f= 1.0 MHz, VCC =6.0V)
Symbol
Test
Max.
Units
Conditions
CI/O(3)
Input/Output Capacitance (DO, RDY/
BSY)8
pF
VI/O = 0V
CIN(3)
Input Capacitance (
CS, SK, DI, RESET)
6
pF
VIN = 0V
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com