Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AY2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # AY2
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY2 Datasheet(HTML) 3 Page - Vishay Siliconix

  AY2 Datasheet HTML 1Page - Vishay Siliconix AY2 Datasheet HTML 2Page - Vishay Siliconix AY2 Datasheet HTML 3Page - Vishay Siliconix AY2 Datasheet HTML 4Page - Vishay Siliconix AY2 Datasheet HTML 5Page - Vishay Siliconix AY2 Datasheet HTML 6Page - Vishay Siliconix AY2 Datasheet HTML 7Page - Vishay Siliconix AY2 Datasheet HTML 8Page - Vishay Siliconix AY2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-16
3
Document Number: 28550
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LEADSPACING 5.0 mm and 7.5 mm
LEADSPACING 10.0 mm
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel in ammopack.
STRAIGHT LEADS
INLINE KINKED LEADS
Fig. 1 - The hole pitch 12.7 mm for lead spacing 5.0 mm (0.2"), and hole pitch 15.0 mm for lead spacing 7.5 mm (0.3")
PACKAGING
CAPACITANCE
VALUE
SIZE CODE
BODY DIAMETER
Dmax.
(mm)
PACKAGING QUANTITIES
BULK
REEL
AMMO
10 pF to 4700 pF
29 to 49
13.0
1000
1000
1000
PACKAGING
CAPACITANCE
VALUE
SIZE CODE
BODY DIAMETER
Dmax.
(mm)
PACKAGING QUANTITIES
BULK
REEL
AMMO
10 pF to 4700 pF
29 to 49
13.0
1000
500
750
D
max.
T
max.
F
d = 0.6 mm
coating
extension
e
30 mm to 3.0 mm
(
ΔR)
SH
G
0.6 mm
T
max.
D
max.
F
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com