Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1847625234P Datasheet(PDF) 13 Page - Vishay Siliconix

Part # MKP1847625234P
Description  Metallized Polypropylene Film Capacitor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847625234P Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button MKP1847625234P Datasheet HTML 9Page - Vishay Siliconix MKP1847625234P Datasheet HTML 10Page - Vishay Siliconix MKP1847625234P Datasheet HTML 11Page - Vishay Siliconix MKP1847625234P Datasheet HTML 12Page - Vishay Siliconix MKP1847625234P Datasheet HTML 13Page - Vishay Siliconix MKP1847625234P Datasheet HTML 14Page - Vishay Siliconix MKP1847625234P Datasheet HTML 15Page - Vishay Siliconix MKP1847625234P Datasheet HTML 16Page - Vishay Siliconix MKP1847625234P Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 31-Jan-17
13
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INSPECTION REQUIREMENTS
General Notes
Sub-clause numbers of tests and performance requirements refer to the “Sectional Specification, Publication IEC 61071”.
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
ROUTINE TEST - FINAL INSPECTION
5.14.2.1
External inspection,
visual examination
Legible marking as specified
5.14.2.2
Dimensions
See specification drawing
5.3.1
Capacitance
1 kHz at room temperature
See specific reference data
5.3.2
tan
1 kHz at room temperature
10 kHz at room temperature
See specific reference data
5.5.1.2
DC voltage test
between terminals
1.5 x UNDC at Tamb
Duration 10 s
No visible damage or puncture
No flashover
5.6.1
Voltage test between terminals
and case
2200 VAC (50 Hz), 60 s
No visible damage or puncture
No flashover
5.7
Insulation resistance
Measuring voltage 500 V at room
temperature
Duration 1 min
See specific reference data
TYPE TESTS
5.14.2
External inspection
Check for finish, marking, and overall
dimensions
Legible marking and finish as specified
Dimensions: see specific drawing
5.14.0
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
5.14.1.1.4 Robustness of terminations
IEC 60068-2-21
Tensile Ua1: duration 10 s ± 1 s
Wire diameter
Section
Load
d
 0.80 mm
S
 0.5 mm2
10 N (± 10 %)
d
 1.25 mm
S
 1.2 mm2
20 N (± 10 %)
Bending Ub method 1: 4 x 90 °,
duration 2 s to 3 s/bend
Wire diameter
Section
modules
Load
d
 0.80 mm
Zx  0.050 mm3
5 N (± 10 %)
d
 1.25 mm
Zx  0.019 mm3 10 N (± 10 %)
5.14.1.6
Resistance to soldering heat
IEC 60068-2-20
No predrying, method 1A
Solder bath: 280 °C ± 5 °C
Duration 10 s ± 1 s
5.14.4
Final measurements
Capacitance
tan
|
C/C|  0.5 %
Increase of tan
  0.0050 
Compared to values measured in 5.14.0
5.14.0
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
5.14.3.1
Vibration
IEC 60068-2-6
f = 10 Hz to 55 Hz; amplitude ± 0.35 mm or
acceleration 98 m/s2
Test duration: 10 frequency cycles,
3 axes offset from each other by 90°
1 octave/min
Visual examination
No visible damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com