Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTCSL03 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTCSL03
Description  PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCSL03 Datasheet(HTML) 1 Page - Vishay Siliconix

  PTCSL03 Datasheet HTML 1Page - Vishay Siliconix PTCSL03 Datasheet HTML 2Page - Vishay Siliconix PTCSL03 Datasheet HTML 3Page - Vishay Siliconix PTCSL03 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PTCSL03
www.vishay.com
Vishay BCcomponents
Revision: 02-Mar-16
1
Document Number: 29160
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PTC Thermistors, Mini Radial Leaded
for Over-Temperature Protection
Note
(1) Max operating temperature range is Tn +15 °C, indicated value
is for Tn = 150 °C.
FEATURES
• Well-defined protection temperature levels
• Fast response time
• Accurate resistance for ease of circuit design
• Excellent long term behavior (
T  1 °C after
1000 h at Tn + 15 °C)
• Wide range of protection temperatures (80 °C to 150 °C)
• Small size and rugged
• Coated leaded (bare pellets available)
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
Over-temperature protection and control in:
• Industrial electronics, motor drives, and lighting drivers
• Power supplies, converters, and heat-sink
• Motor protection
DESCRIPTION
These PTC sensing thermistors consist of a medium
resistivity doped barium titanate ceramic with copper clad
steel wires lead (Pb)-free soldered to the Ag metalized pellet.
A high temperature silicone coating covers the sensing body
and has a temperature marking character.
PACKAGING
PTC thermistors are available in 500 pieces bulk packed or
2000 pieces tape on reel.
Note
• 2E pitch version in bulk or tape and reel available on request.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance at 25 °C (R25)
20 to 120
Nominal working temperature Tn
80 to 150
°C
Maximum voltage
30
V
Operating temperature range (1)
-40 to +165
°C
Dissipation factor
5
mW/K
Thermal time constant (still air)
6
s
Weight
 0.12
g
NOMINAL WORKING TEMPERATURES AND ORDERING INFORMATION
NOMINAL WORKING
TEMPERATURE
VISHAY SAP ORDERING NUMBER
Tn
(°C)
BULK
TAPE AND REEL
MARKING CODE
80
PTCSL03T081DB1E
PTCSL03T081DT1E
8
90
PTCSL03T091DB1E
PTCSL03T091DT1E
9
100
PTCSL03T101DB1E
PTCSL03T101DT1E
0
110
PTCSL03T111DB1E
PTCSL03T111DT1E
1
120
PTCSL03T121DB1E
PTCSL03T121DT1E
2
130
PTCSL03T131DB1E
PTCSL03T131DT1E
3
140
PTCSL03T141DB1E
PTCSL03T141DT1E
4
150
PTCSL03T151DB1E
PTCSL03T151DT1E
5


Similar Part No. - PTCSL03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCSL03 VISHAY-PTCSL03 Datasheet
87Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
21-Sep-2021
PTCSL03 VISHAY-PTCSL03_V01 Datasheet
87Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
21-Sep-2021
More results

Similar Description - PTCSL03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232267191002 VISHAY-232267191002 Datasheet
75Kb / 5P
PTC Thermistors, For Temperature Protection
10-Oct-03
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
ptc chip thermistor (for over-temperature protection)
logo
Vishay Siliconix
PTCSL20 VISHAY-PTCSL20 Datasheet
91Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
04-Dec-15
PTCSGM3 VISHAY-PTCSGM3 Datasheet
107Kb / 4P
PTC Thermistors, Lug Sensors for Over-Temperature Protection
15-Dec-15
PTCSC17 VISHAY-PTCSC17 Datasheet
90Kb / 4P
Mini Chips for Over-Temperature Protection
08-Dec-15
PTCSG VISHAY-PTCSG Datasheet
111Kb / 5P
PTC Thermistors, For Temperature Protection
19-Dec-07
PTCSL VISHAY-PTCSL Datasheet
109Kb / 5P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
08-Jun-09
PTCSL03 VISHAY-PTCSL03_V01 Datasheet
87Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
21-Sep-2021
PTCSSLVT VISHAY-PTCSSLVT Datasheet
109Kb / 4P
PTC Thermistors, Sleeve Type for Over-Temperature Protection
03-Sep-10
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com