Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM588X Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM588X
Description  Audio 3rd-order D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM588X Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM588X Datasheet HTML 1Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 2Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 3Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 4Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 5Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 6Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 7Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 8Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
DC Characteristics
VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
−0.3 to 7.0
V
Input voltage range1
1. All inputs
Also applicable during supply switching.
VIN
VSS − 0.3 to VDD + 0.3
V
Storage temperature range
TSTG
−55 to 125
°C
Power dissipation
PD
300
mW
Parameter
Symbol
Rating
Unit
Supply voltage
VDD
4.5 to 5.5
V
Operating temperature
TOPR
−40 to 85
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption1
1.
VDD = 5 V, CLK clock input frequency fCLK = 16.9344 MHz (384fs type)/11.2896 MHz (256fs type)/22.5792MHz (512fs type), no output load.
Input data: NPC pattern.
IDD
–
12.5
25.0
mA
CLK HIGH-level input voltage
VIH1
Clock input
0.7VDD
––
V
CLK LOW-level input voltage
VIL1
Clock input
–
–
0.3VDD
V
CLK AC-coupled input voltage
VINAC
0.7
–
–
Vp-p
HIGH-level input voltage2
2.
Pins BCKI (3-wire type), DEEM (2-wire type with deemphasis filter), DATA, LRCI
VIH2
0.5VDD
––
V
LOW-level input voltage2
VIL2
–
–
0.2VDD
V
CLK HIGH-level input current
IIH
VIN = VDD
20
62
170
µA
CLK LOW-level input current
IIL
VIN = 0 V
20
62
170
µA
Input leakage current2
ILH
VIN = VDD
–
–
1.0
µA
ILL
VIN = 0 V
–
–
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com