Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS-7 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # JCS-7
Description  Very flexible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

JCS-7 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  JCS-7 Datasheet HTML 1Page - Laird Tech Smart Technology JCS-7 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccosorb® JCS
High Loss, Low Density, Flexible, Carbon-loaded,
Silicone Rubber Sheet
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
FLEXIBLE CARBON-LOADED SILICONE RUBBER SHEET
Eccosorb JCS is a carbon-loaded, silicone rubber sheet. It obtains its microwave properties
via a carbon loading system and is therefore electrically conductive. Eccosorb JCS is
waterproof and has excellent thermal characteristics, tolerating high and low temperatures.
Low out-gassing is assumed, but formal testing has not been completed yet. Material does
not flake or shed. Complex shapes are best cut with a water jet system.
FEATURES AND BENEFITS
• High loss
• Low density
• Very flexible
• Dust free
• High frequency applications
MARKETS
• Automotive
• Telecom
• Industrial
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSORB JCS
Frequency range
6 – 100 GHz
Service Temperature °C (°F)
-70 to 177 (-94 to 350)
Thickness
0.50 mm - 3.18mm (0.020”-0.125’’)
Color
Black
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
ELECTRICAL PROPERTIES
Eccosorb JCS is a pure dielectric absorber with no magnetic properties (permeability = 1).
The complex permittivity varies with frequency, see graphs below. Attenuation is a figure of
merit for the lossiness of absorbent material and should not be used to directly estimate
insertion loss.
Insertion loss is defined as the reduction in energy between point A and point B caused by
the insertion of a material. In general, insertion loss is a function of the material
electromagnetic parameters and the thickness. JCS can be custom tailored to many
different insertion loss values.
Attenuation (dB/cm)
3 GHz
10 GHz
JCS-3
2
3.5
JCS-5
4.5
9
JCS-7
8
16
JCS-9
10
20


Similar Part No. - JCS-7

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCS JBCAPACITORS-JCS Datasheet
390Kb / 1P
Designed for surface mounting on high density circuit board
logo
Yamaichi Electronics Co...
JCS010-2001-1 YAMAICHI-JCS010-2001-1 Datasheet
93Kb / 1P
Memory Stick Duo / Memory Stick (2-in-1)
logo
JILIN SINO-MICROELECTRO...
JCS10N60BT JSMC-JCS10N60BT Datasheet
716Kb / 9P
N-CHANNEL MOSFET
JCS10N60BT-O-B-N-B JSMC-JCS10N60BT-O-B-N-B Datasheet
716Kb / 9P
N-CHANNEL MOSFET
JCS10N60C JSMC-JCS10N60C Datasheet
730Kb / 10P
LED power supplies
More results

Similar Description - JCS-7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44608 ONSEMI-MC44608 Datasheet
266Kb / 16P
Few External Components Reliable Flexible GreenLine Very High Voltage PWM Controller
January, 2000 ??Rev. 2
logo
Extech Instruments Corp...
BR146 EXTECH-BR146 Datasheet
156Kb / 4P
Flexible Borescope
logo
3M Electronics
SFTW-203 3M-SFTW-203 Datasheet
13Kb / 2P
Tubing Very Flexible Polyolefin
Mar-1997
logo
Samtec, Inc
ZW-01-09-L-S-575-055 SAMTEC-ZW-01-09-L-S-575-055 Datasheet
1Mb / 1P
FLEXIBLE .025
logo
List of Unclassifed Man...
FXP100070100A ETC2-FXP100070100A Datasheet
740Kb / 9P
Flexible WiMAX antenna
50-1505 ETC2-50-1505 Datasheet
1Mb / 6P
Flexible PCB
logo
M/A-COM Technology Solu...
28953-BRF-001-A MA-COM-28953-BRF-001-A_15 Datasheet
336Kb / 2P
Flexible Framer
logo
Laird Tech Smart Techno...
WCR LSTD-WCR Datasheet
613Kb / 2P
Flexible element
logo
Taoglas antenna solutio...
WMA.01.301151 TAOGLAS-WMA.01.301151 Datasheet
765Kb / 16P
Flexible Mounting
logo
3M Electronics
FP-301 3M-FP-301 Datasheet
67Kb / 4P
Flexible, Polyolefin
Nov-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com