Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS5 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # MS5
Description  Precise temperature control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MS5 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  MS5 Datasheet HTML 1Page - Laird Tech Smart Technology MS5 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Suffix ThickneSS
(prior To Tinning)
flaTneSS &
paralleliSM
hoT
face
cold
face
lead
lengTh
00
0.614”± 0.008”
0.001” / 0.004”
Metallized
Metallized
7.87”
11
0.606”± 0.008”
0.001” / 0.002”
Lapped
Lapped
7.87”
22
0.614”± 0.008”
0.001” / 0.004”
Pre-tinned
Pre-tinned
7.87”
Suffix SealanT color TeMp range deScripTion
rT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
ep
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
Innovative Technology
for a Connected World
Multistage Series MS5,257,10,15
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FeatureS
• High temperature differential
• Precise temperature control
• Reliable solid state operation
• Environmentally friendly
• DC operation
• RoHS compliant
applicationS
• CCD cameras
• Electron microscope
• Calibration equipment
• Photonics laser systems
• Gas analyzers
• infrared (IR) Sensors
• Guidance Systems
The MS Series of thermoelectric modules (TEMs) are designed to reach cool down
temperatures that are not achievable with single stage TEMs.
This product line is available in numerous heat pumping capacities, geometric shapes
and temperature differentials. Assembled with Bismuth Telluride semiconductor material
and thermally conductive Aluminum Oxide ceramics, the MS Series is designed for higher
current and lower heat-pumping applications.
perforMance SpecificaTionS
hot Side Temperature (°c)
25
Qmax (Watts)
2.0
delta Tmax (°c)
123
imax (amps)
1.6
Vmax (Volts)
14.5
Sealing option


Similar Part No. - MS5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS5 ETC1-MS5 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
RUBYCON CORPORATION
MS5 RUBYCON-MS5 Datasheet
48Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Bel Fuse Inc.
MS5 BEL-MS5 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
MS5 BEL-MS5 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
logo
List of Unclassifed Man...
MS50 ETC1-MS50 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
More results

Similar Description - MS5

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
Precise temperature control
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
Precise Temperature Control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
Precise temperature control
DAC-060-24-02 LSTD-DAC-060-24-02 Datasheet
777Kb / 2P
Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
Precise temperature control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com