Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6685ER Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6685ER
Description  Charge Pump LED Driver For Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685ER Datasheet(HTML) 4 Page - Sipex Corporation

  SP6685ER Datasheet HTML 1Page - Sipex Corporation SP6685ER Datasheet HTML 2Page - Sipex Corporation SP6685ER Datasheet HTML 3Page - Sipex Corporation SP6685ER Datasheet HTML 4Page - Sipex Corporation SP6685ER Datasheet HTML 5Page - Sipex Corporation SP6685ER Datasheet HTML 6Page - Sipex Corporation SP6685ER Datasheet HTML 7Page - Sipex Corporation SP6685ER Datasheet HTML 8Page - Sipex Corporation SP6685ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Date: 12/15/04
SP6685 Charge Pump LED Driver for Camera Flash
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Torch Mode Output Current
Figure 2. Flash Mode Output Current
Figure 3. Torch Mode Efficiency
Figure 4. Flash Mode Efficiency
Torch Mode 200mA Iout
0
100
200
300
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Vf = 3.0V
Vf = 3.3V
Vf = 3.6V
Vf = 3.9V
Torch Mode 200mA Efficiency
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Vf = 3.0V
Vf = 3.3V
Vf = 3.6V
Vf = 3.9V
Flash Mode 700mA Efficiency
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Vf = 3.3V
Vf = 3.6V
Vf = 3.9V
Vf = 4.2V
Flash Mode 700mA Iout
0
100
200
300
400
500
600
700
800
900
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Vf = 3.3V
Vf = 3.6V
Vf = 3.9V
Vf = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com