Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

748412245 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 748412245
Description  Chip-Balun WE-BAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

748412245 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  748412245 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 748412245 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 748412245 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 748412245 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bezeichnung :
description :
* Line width should be designed to provide proper impedance matching characteristics,
depending on PCB material and thickness.
Units: mm
* Impedance for ports 2 and 3 = ½ (Balanced Impedance)
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Str. 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.de
H Lötpadempfehlung / solder pads:
K Messdiagramme/ measuring diagrams:
Chip-Balun WE-BAL
DATUM / DATE : 2004-12-14
Artikelnummer / part number :
748412245
SMD-Balun WE-BAL
Spezifikation für Freigabe / specification for release
Kunde / customer :
Land
Solder Resist
Through-hole (Ø 0.3)
No.
No.
Terminal Name
Terminal Name
Unbalanced Port (IN)
GND
Balanced Port (OUT 1)
Balanced Port (OUT 2)
GND
NC
1
2
3
4
5
6
1
2
3
6
5
4
Network
Analyzer
Port 3*
Port 1
( 50 Ω )
Port 2*
LF
0.25
*
*
*
0.3
0.55
0.25
GND
GND
SEITE 2 VON 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com