Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK17TA8-R Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # STK17TA8-R
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-R Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-R Datasheet HTML 10Page - List of Unclassifed Manufacturers STK17TA8-R Datasheet HTML 11Page - List of Unclassifed Manufacturers STK17TA8-R Datasheet HTML 12Page - List of Unclassifed Manufacturers STK17TA8-R Datasheet HTML 13Page - List of Unclassifed Manufacturers STK17TA8-R Datasheet HTML 14Page - List of Unclassifed Manufacturers STK17TA8-R Datasheet HTML 15Page - List of Unclassifed Manufacturers STK17TA8-R Datasheet HTML 16Page - List of Unclassifed Manufacturers STK17TA8-R Datasheet HTML 17Page - List of Unclassifed Manufacturers STK17TA8-R Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
STK17TA8
February 2004
14
Document Control # ML0023 rev 0.3
is enabled.
CALIBRATING THE CLOCK
The RTC is driven by a quartz controlled oscillator
with a nominal frequency of 32.768 KHz. Clock
accuracy will depend on the quality of the crystal,
usually specified to 35 ppm limits at 25
°C. This error
could equate to + 1.53 minutes per month. The
STK17TA8 employs a calibration circuit that can
improve the accuracy to + 1/-2 ppm at 25
°C. The
calibration circuit adds or subtracts counts from the
oscillator divider circuit.
The number of times pulses are suppressed (sub-
tracted, negative calibration) or split (added, positive
calibration) depends upon the value loaded into the
five calibration bits found in control register 1FFF8h.
Adding counts speeds the clock up; subtracting
counts slows the clock down. The Calibration bits
occupy the the five lower order bits in the control
register 8. These bits can be set to represent any
value between 0 and 31 in binary form. Bit D5 is a
Sign bit, where a “1” indicates positive calibration
and a “0” indicates negative calibration. Calibration
occurs within a 64 minute cycle. The first 62 minutes
in the cycle may, once per minute, have one second
either shortened by 128 or lengthened by 256 oscil-
lator cycles.
If a binary “1” is loaded into the register, only the first
2 minutes of the 64 minute cycle will be modified; if
a binary 6 is loaded, the first 12 will be affected, and
so on. Therefore each calibration step has the effect
of adding 512 or subtracting 256 oscillator cycles for
every 125,829,120 actual oscillator cycles. That is
+4.068 or -2.034 ppm of adjustment per calibration
step in the calibration register.
In order to determine how to set the calibration one
may set the CAL bit in register 1FFF0h to 1, which
causes the INT pin to toggle at a nominal 512 Hz.
Any deviation measured from the 512 Hz will indi-
cate the degree and direction of the required correc-
tion. For example, a reading of 512.010124 Hz
would indicate a +20 ppm error, requiring a -10
(001010) to be loaded into the Calibration register.
Note that setting or changing the calibration register
does not affect the frequency test output frequency.
ALARM
The alarm function compares user-programmed val-
ues to the corresponding time-of-day values. When
a match occurs, the alarm event occurs. The alarm
drives an internal flag, AF, and may drive the INT pin
if desired.
There are four alarm match fields. They are date,
hours, minutes and seconds. Each of these fields
also has a Match bit that is used to determine if the
field is used in the alarm match logic. Setting the
Match bit to “0” indicates that the corresponding field
will be used in the match process.
Depending on the Match bits, the alarm can occur
as specifically as one particular second on one day
of the month, or as frequently as once per second
continuously. The MSB of each alarm register is a
Match bit. Selecting none of the Match bits (all 1’s)
indicates that no match is required. The alarm
occurs every second. Setting the match select bit for
seconds to “0” causes the logic to match the sec-
onds alarm value to the current time of day. Since a
match will occur for only one value per minute, the
alarm occurs once per minute. Likewise, setting the
seconds and minutes Match bits causes an exact
match of these values. Thus, an alarm will occur
once per hour. Setting seconds, minutes and hours
causes a match once per day. Lastly, selecting all
match values causes an exact time and date match.
Selecting other bit combinations will not produce
meaningful results, however the alarm circuit should
follow the functions described.
There are two ways a user can detect an alarm
event, by reading the AF flag or monitoring the INT
pin. The AF flag in the register 1FFF0h will indicate
that a date/time match has occurred. The AF bit will
be set to 1 when a match occurs. Reading the
Flags/Control register clears the alarm flag bit (and
all others). A hardware interrupt pin may also be
used to detect an alarm event.
WATCHDOG TIMER
The watchdog timer is a free running down counter
that uses the 32 Hz clock (31.25 ms) derived from
the crystal oscillator. The oscillator must be running
for the watchdog to function. It begins counting
down from the value loaded in the Watchdog Timer
register.
The counter consists of a loadable register and a
free running counter. On power up, the watchdog
timeout value in register 1FFF7h is loaded into the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com