Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSSP40 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSSP40
Description  IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP40 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSSP40 Datasheet HTML 1Page - Vishay Siliconix TSSP40 Datasheet HTML 2Page - Vishay Siliconix TSSP40 Datasheet HTML 3Page - Vishay Siliconix TSSP40 Datasheet HTML 4Page - Vishay Siliconix TSSP40 Datasheet HTML 5Page - Vishay Siliconix TSSP40 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSSP40..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 11-Dec-15
4
Document Number: 82458
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Spectral Sensitivity vs. Wavelength
Fig. 8 - Directivity
Fig. 9 - Sensitivity vs. Supply Voltage
The typical application of these devices is a reflective or
beam break sensor with active low “detect” or “no detect”
information contained in its output. The TSSP4056 is also
suitable for fast (~ 5 ms) proximity sensor applications for
ranges between 10 cm and 2 m. Please see application note
“Vishay’s TSSP4056 Sensor for Fast Proximity Sensing”
(www.vishay.com/doc?82741).
Example for a sensor hardware:
There should be no common window in front of the emitter
and detector in order to avoid crosstalk via guided light
through the window.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
750
800
850
900
950 1000 1050 1100 1150
21425
λ- Wavelength (nm)
96 12223p2
0.4
0.2
0
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
drel - Relative Transmission Distance
0.0
0.3
0.4
0.5
0.6
0.7
1.0
1.5
2.5
3.5
4.5
5.5
V
S - Supply Voltage (V)
0.9
0.8
0.2
0.1
IR emitter
IR detector
Separation to avoid
crosstalk by stray light inside
the housing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com