Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F211AF104K063C Datasheet(PDF) 4 Page - Kemet Corporation

Part # F211AF104K063C
Description  SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F211AF104K063C Datasheet(HTML) 4 Page - Kemet Corporation

  F211AF104K063C Datasheet HTML 1Page - Kemet Corporation F211AF104K063C Datasheet HTML 2Page - Kemet Corporation F211AF104K063C Datasheet HTML 3Page - Kemet Corporation F211AF104K063C Datasheet HTML 4Page - Kemet Corporation F211AF104K063C Datasheet HTML 5Page - Kemet Corporation F211AF104K063C Datasheet HTML 6Page - Kemet Corporation F211AF104K063C Datasheet HTML 7Page - Kemet Corporation F211AF104K063C Datasheet HTML 8Page - Kemet Corporation F211AF104K063C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3072_SMR • 9/28/2016
4
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
SMR Series Metallized Polyphenylene Sulfide Film, +150°C, 5.0 – 27.5 mm Lead Spacing, 50 – 400 VDC
Dimensions – Millimeters
L
B
H
d
p
LL
0.5
FRONT VIEW
SIDE VIEW
KEMET
Size Code
Legacy
Size Code
p
B
H
L
d
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance
JF
J01
5
+/−0.4
2.5
Maximum
6.5
Maximum
7.2
Maximum
0.5
+/−0.05
JJ
J02
5
+/−0.4
3.5
Maximum
8
Maximum
7.2
Maximum
0.5
+/−0.05
JL
J03
5
+/−0.4
4.5
Maximum
9
Maximum
7.2
Maximum
0.5
+/−0.05
JQ
J04
5
+/−0.4
5
Maximum
10
Maximum
7.2
Maximum
0.5
+/−0.05
JT
J05
5
+/−0.4
6
Maximum
11
Maximum
7.2
Maximum
0.5
+/−0.05
JU
J06
5
+/−0.4
7.2
Maximum
13
Maximum
7.2
Maximum
0.5
+/−0.05
KG
K01
7.5
+/−0.4
4
Maximum
8
Maximum
10
Maximum
0.6
+/−0.05
KK
K03
7.5
+/−0.4
5
Maximum
11
Maximum
10
Maximum
0.6
+/−0.05
KM
K04
7.5
+/−0.4
6
Maximum
12
Maximum
10.5
Maximum
0.6
+/−0.05
AG
A01
10
+/−0.4
4
Maximum
9
Maximum
13
Maximum
0.6
+/−0.05
AH
A02
10
+/−0.4
4.5
Maximum
10.5
Maximum
13
Maximum
0.6
+/−0.05
AK
A03
10
+/−0.4
5
Maximum
11
Maximum
13
Maximum
0.6
+/−0.05
AP
A04
10
+/−0.4
6
Maximum
12
Maximum
13
Maximum
0.6
+/−0.05
BD
B04
15
+/−0.4
5.5
Maximum
10.5
Maximum
18
Maximum
0.8
+/−0.05
BE
B05
15
+/−0.4
5.5
Maximum
12.5
Maximum
18
Maximum
0.8
+/−0.05
BL
B06
15
+/−0.4
7.5
Maximum
14.5
Maximum
18
Maximum
0.8
+/−0.05
BJ
B10
15
+/−0.4
6.5
Maximum
12.5
Maximum
18
Maximum
0.8
+/−0.05
BQ
B11
15
+/−0.4
8.5
Maximum
16
Maximum
18
Maximum
0.8
+/−0.05
BM
B12
15
+/−0.4
8
Maximum
15
Maximum
18
Maximum
0.8
+/−0.05
BV
B14
15
+/−0.4
9.5
Maximum
17.5
Maximum
18
Maximum
0.8
+/−0.05
DD
D13
22.5
+/−0.4
6.5
Maximum
14.5
Maximum
26
Maximum
0.8
+/−0.05
DH
D14
22.5
+/−0.4
8
Maximum
16
Maximum
26
Maximum
0.8
+/−0.05
DM
D15
22.5
+/−0.4
9
Maximum
18.5
Maximum
26
Maximum
0.8
+/−0.05
DT
D16
22.5
+/−0.4
11
Maximum
21.5
Maximum
26
Maximum
0.8
+/−0.05
DF
D17
22.5
+/−0.4
7
Maximum
16.5
Maximum
26
Maximum
0.8
+/−0.05
DR
D18
22.5
+/−0.4
10.5
Maximum
19
Maximum
26
Maximum
0.8
+/−0.05
FE
F11
27.5
+/−0.4
10.5
Maximum
20.5
Maximum
31.5
Maximum
0.8
+/−0.05
FG
F12
27.5
+/−0.4
11.5
Maximum
22.5
Maximum
31.5
Maximum
0.8
+/−0.05
FM
F13
27.5
+/−0.4
14.5
Maximum
24.5
Maximum
31.5
Maximum
0.8
+/−0.05
FR
F14
27.5
+/−0.4
17.5
Maximum
28
Maximum
31.5
Maximum
0.8
+/−0.05
Note: See Ordering Options Table for lead length (LL) options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com