Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2136SPBF Datasheet(PDF) 32 Page - International Rectifier

Part # IR2136SPBF
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136SPBF Datasheet(HTML) 32 Page - International Rectifier

Back Button IR2136SPBF Datasheet HTML 28Page - International Rectifier IR2136SPBF Datasheet HTML 29Page - International Rectifier IR2136SPBF Datasheet HTML 30Page - International Rectifier IR2136SPBF Datasheet HTML 31Page - International Rectifier IR2136SPBF Datasheet HTML 32Page - International Rectifier IR2136SPBF Datasheet HTML 33Page - International Rectifier IR2136SPBF Datasheet HTML 34Page - International Rectifier IR2136SPBF Datasheet HTML 35Page - International Rectifier IR2136SPBF Datasheet HTML 36Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
IR2136(2)(3)(5)(6)(7)(8)(J&S)&(PbF)
32
www.irf.com
20
40
60
80
100
120
0.1
1
10
100
Frequency (KHz)
100V
200V
300V
0V
20
40
60
80
100
120
0.1110
100
Frequency (KHz)
100V
200V
300V
0V
20
40
60
80
100
120
0.1110
100
Frequency (KHz)
100V
200V
300V
0V
20
40
60
80
100
120
0.1
1
10
100
Frequency (KHz)
100V
200V
300V
0V
Figure 46. IR2136/IR21362(3)(5)(6)(7)(8) (J)
vs. Frequency (IRG4BC30W), Rgate=15
Ω
Ω
Ω
Ω
Ω, Vcc=15V
Figure 45. IR2136/IR21362(3)(5)(6)(7)(8) (J)
vs. Frequency (IRG4BC20W), Rgate=33
Ω
Ω
Ω
Ω
Ω, Vcc=15V
Figure 48. IR2136/IR21362(3)(5)(6)(7)(8) (J)
vs. Frequency (IRG4PC50W), Rgate=5
Ω
Ω
Ω
Ω
Ω, Vcc=15V
Figure 47. IR2136/IR21362(3)(5)(6)(7)(8) (J)
vs. Frequency (IRG4BC40W), Rgate=10
Ω
Ω
Ω
Ω
Ω, Vcc=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com