Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B550B Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # B550B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

B550B Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  B550B Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD B550B Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.0
3.0
5.0
5A0B
5
RATINGS AND CHARACTERISTIC CURVES B 20B THRU B
1.2
0.6
0
0
25
50
75
100
125
150
175
100
80
60
40
20
0
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
10
100
1000
2000
0
20
40
60
80
100
100
10
1
0.1
0.01
0.001
TJ=75 C
TJ=25 C
TJ=100 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
50
10.0
1
0.1
0.01
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLEAGE,
VOLTS
TJ=25 C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TJ=25 C
www.yfwdiode.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com