Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M6172FSTSN Datasheet(PDF) 1 Page - MTRONPTI

Part # M6172FSTSN
Description  3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M6172FSTSN Datasheet(HTML) 1 Page - MTRONPTI

  M6172FSTSN Datasheet HTML 1Page - MTRONPTI M6172FSTSN Datasheet HTML 2Page - MTRONPTI M6172FSTSN Datasheet HTML 3Page - MTRONPTI M6172FSTSN Datasheet HTML 4Page - MTRONPTI M6172FSTSN Datasheet HTML 5Page - MTRONPTI M6172FSTSN Datasheet HTML 6Page - MTRONPTI M6172FSTSN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
M617x Series Stratum 3
3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave
Precision TCXO/TCVCXO
Stratum 3 performance with holdover stability (0.30 ppm) over
•
industrial temperature range (-40 °C to +85 °C)
3.0 V, 3.3 V and 5.0 V versions
•
Low phase noise and great g-sensitivity performance
•
Tristate Function standard
•
The M617x Series is ideally suited for a wide range of applications such as SONET, SDH, SERDES, GSM, CDMA,
3G, 4G, Gig-Ethernet, 10G and 40G systems. Standard output for the M617x series is either HCMOS compatible or
clipped sine wave. Additionally the M617x draws as little as 1.5 mA with a 3.3 volt supply at 13 MHz. This low power
consumptionprovidesadistinctadvantageoversimilarlyspecifiedovenizedoscillatorsforpower-sensitiveremote
applications. The M617x series offers ±9.2 ppm minimum pull range with excellent tuning linearity performance for critical
PLL applications. This series is available in selective frequencies from 8 MHz to 52 MHz.
Product Features
Product Description
Product Applications
Ordering Information
M6171
2
S
T
C
N
00.0000
MHz
Product Series
M6170 = 5.0 V
M6171 = 3.3 V
M6172 = 3.0 V
Temperature Range
1: 0 °C to +70 °C
8: 0 °C to +50 °C
2: -40 °C to +85 °C
F: -30 °C to +75 °C
6: -20 °C to +70 °C
Stability
S: ±4.6 ppm w/ Holdover
Output Type
T: Voltage Controlled With Tristate
F: No Voltage Control With Tristate
Output Waveform
C: HCMOS
S: Clipped Sine Wave
Package/Lead Configurations
N: Leadless Ceramic
Frequency (customer specified)
M6170Sxxx, M6171Sxxx & M6172Sxxx - Custom datasheets.
MtronPTI’s M617x Series TCXO’s and TCVCXO’s provide design engineers with low voltage, surface mount products
with extremely tight stability over temperature and time. MtronPTI’s unique approach to crystal compensation enables
these devices to achieve full Stratum 3 temperature stability including holdover from -40 °C to +85 °C. Specially
processedcrystalsenabletheM617xtoachieveconsistentlong-termstabilityandminimalfrequencyshiftafterreflow.
This processing also achieves excellent g-sensitivity (1.2 ppb/g). The low phase noise (-156 dBc/Hz at 100 kHz) makes
the M617x ideal for the design engineer working on high data-rate, low BER data communication network products.
Rev: 01/28/2013


Similar Part No. - M6172FSTSN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M61 VISHAY-M61 Datasheet
108Kb / 6P
3/8" Square Single-Turn Cermet Trimmer
17-Oct-2025
logo
Brady Worldwide, Inc.
M61-R10010 BRADY-M61-R10010 Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
M61-R10010-BL BRADY-M61-R10010-BL Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
M61-R10010-GN BRADY-M61-R10010-GN Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
M61-R10010-MA BRADY-M61-R10010-MA Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
More results

Similar Description - M6172FSTSN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M610X MTRONPTI-M610X Datasheet
885Kb / 7P
M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M611X MTRONPTI-M611X Datasheet
877Kb / 7P
M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
logo
MTRONPTI
M61501STCN MTRONPTI-M61501STCN Datasheet
1Mb / 7P
5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61801MTCN MTRONPTI-M61801MTCN Datasheet
1Mb / 7P
3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M60531HSN MTRONPTI-M60531HSN Datasheet
836Kb / 2P
3.2 x 5.0 mm, 3.0 V, Clipped Sine Wave or HCMOS, TCXO/VCTCXO
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
M61601LTCN MTRONPTI-M61601LTCN Datasheet
809Kb / 7P
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com