Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4271-2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4271-2
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4271-2 Datasheet HTML 1Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 2Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 3Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 4Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TLE 4271-2
Data Sheet Rev. 2.4
5
2001-04-04
Absolute Maximum Ratings
T
j = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Input
Voltage
Voltage
Current
V
I
V
I
I
I
– 42
–
–
42
65
–
V
V
mA
–
t
≤ 400 ms
internally limited
Inhibit
Voltage
Voltage
Current
V
INH
V
INH
I
INH
– 42
–
–
42
65
–
V
V
mA
–
t
≤ 400 ms
internally limited
Reset Output
Voltage
Current
V
RO
I
RO
– 0.3
–
42
–
V
mA
–
internally limited
Reset Delay
Voltage
Current
V
D
I
D
– 0.3
– 5
7
5
V
mA
–
–
Watchdog
Voltage
Current
V
W
I
W
– 0.3
– 5
7
5
V
mA
–
–
Output
Voltage
Current
V
Q
I
Q
– 1.0
– 5
16
–
V
mA
–
internally limited
Ground
Current
I
GND
– 0.5
–
A
–
Temperatures
Junction temperature
Storage temperature
T
j
T
stg
–
– 50
150
150
°C
°C
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com