Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2066 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2066
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2066 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2066 Datasheet HTML 17Page - Texas Instruments TPS2066 Datasheet HTML 18Page - Texas Instruments TPS2066 Datasheet HTML 19Page - Texas Instruments TPS2066 Datasheet HTML 20Page - Texas Instruments TPS2066 Datasheet HTML 21Page - Texas Instruments TPS2066 Datasheet HTML 22Page - Texas Instruments TPS2066 Datasheet HTML 23Page - Texas Instruments TPS2066 Datasheet HTML 24Page - Texas Instruments TPS2066 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.ti.com
DP1
DM1
DP2
DM2
DP3
DM3
DP4
PWRON1
OVRCUR1
PWRON2
OVRCUR2
DM4
DP0
DM0
VCC
XTAL1
XTAL2
OCSOFF
SN75240
D +
D −
5 V
GND
D +
D −
5 V
D +
D −
5 V
D +
D −
5 V
48-MHz
Crystal
Downstream
Ports
TUSB2040
Hub Controller
Tuning
Circuit
A
B
C
D
33
µF†
SN75240
A
B
C
D
GND
GND
GND
33
µF†
33
µF†
33
µF†
D +
D −
Upstream
Port
TPS2041B
SN75240
A
B
5 V
GND
C
D
1
µF
IN
GND
Ferrite Beads
Ferrite Beads
Ferrite Beads
Ferrite Beads
BUSPWR
GANGED
Tie to TPS2041 EN Input
OC
EN
OUT
5-V Power
Supply
IN
GND
3.3 V
4.7
µF
0.1
µF
4.7
µF
EN1
IN
OC1
OUT1
TPS2062
EN2
OC2
OUT2
0.1
µF
GND
† USB rev 1.1 requires 120
µF per hub.
TPS76333
GENERIC HOT-PLUG APPLICATIONS
TPS2061, TPS2062, TPS2063
TPS2065, TPS2066, TPS2067
SLVS490B – DECEMBER 2003 – REVISED DECEMBER 2004
APPLICATION INFORMATION (continued)
Figure 29. Hybrid Self / Bus-Powered Hub Implementation
In many applications it may be necessary to remove modules or pc boards while the main unit is still operating.
These are considered hot-plug applications. Such implementations require the control of current surges seen by
the main power supply and the card being inserted. The most effective way to control these surges is to limit and
slowly ramp the current and voltage being applied to the card, similar to the way in which a power supply
normally turns on. Due to the controlled rise times and fall times of the TPS206x, these devices can be used to
provide a softer start-up to devices being hot-plugged into a powered system. The UVLO feature of the TPS206x
also ensures that the switch is off after the card has been removed, and that the switch is off during the next
insertion. The UVLO feature insures a soft start with a controlled rise time for every insertion of the card or
module.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com