Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045ST Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR3045ST
Description  Switch?릑ode Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR3045ST Datasheet(HTML) 1 Page - ON Semiconductor

  MBR3045ST Datasheet HTML 1Page - ON Semiconductor MBR3045ST Datasheet HTML 2Page - ON Semiconductor MBR3045ST Datasheet HTML 3Page - ON Semiconductor MBR3045ST Datasheet HTML 4Page - ON Semiconductor MBR3045ST Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 9
1
Publication Order Number:
MBR3045ST/D
MBR3045ST,
MBRB3045CT-1
Switch‐mode
Power Rectifier
Features and Benefits
• Dual Diode Construction − Terminals 1 and 3 May Be Connected for
Parallel Operation at Full Rating
• 45 V Blocking Voltage
• Low Forward Voltage Drop
• 175°C Operating Junction Temperature
• These are Pb-Free Devices
Applications
• Power Supply − Output Rectification
• Power Management
• Instrumentation
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight (Approximately): 1.9 Grams (TO−220)
1.5 Grams (TO−262)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Epoxy Meets UL 94 V−0 @ 0.125 in
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
Average Rectified Current
Per Device
(TC = 130°C)
Per Diode
IF(AV)
30
15
A
Peak Repetitive Forward Current, per Diode
(Square Wave, VR = 45 V, 20 kHz)
IFRM
30
A
Non-Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions,
Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Current, per Diode
(2.0
ms, 1.0 kHz)
IRRM
2.0
A
Storage Temperature Range
Tstg
−65 to
+175
°C
Operating Junction Temperature (Note 1)
TJ
−65 to
+175
°C
Peak Surge Junction Temperature
(Forward Current Applied)
TJ(pk)
175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from
Junction-to-Ambient: dPD/dTJ < 1/RqJA.
http://onsemi.com
TO−220
CASE 221A
STYLE 6
3
4
1
SCHOTTKY BARRIER
RECTIFIER
30 AMPERES
45 VOLTS
3
1
2, 4
2
AYWW
B3045G
AKA
MARKING
DIAGRAMS
A
= Assembly Location
Y
= Year
WW
= Work Week
AKA
= Polarity Designator
G
= Pb−Free Device
I2PAK (TO−262)
CASE 418D
STYLE 3
AYWW
B3045CTG
AKA
3
4
1
2
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MBR3045ST

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR3045ST MOTOROLA-MBR3045ST Datasheet
50Kb / 2P
SWITCHMODE??Power Rectifier
logo
Microsemi Corporation
MBR3045ST MICROSEMI-MBR3045ST Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
MBR3045ST ONSEMI-MBR3045ST Datasheet
132Kb / 5P
SWITCHMODE??Power Rectifier
May, 2008 ??Rev. 7
logo
Pan Jit International I...
MBR3045ST PANJIT-MBR3045ST Datasheet
52Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
ON Semiconductor
MBR3045ST ONSEMI-MBR3045ST Datasheet
106Kb / 5P
SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
More results

Similar Description - MBR3045ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BYW51-200 ONSEMI-BYW51-200_14 Datasheet
95Kb / 5P
Switch?릑ode Power Rectifier
November, 2014 ??Rev. 4
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
Switch Mode Power Rectifier
January, 2015 ??Rev. 5
MURF1660CTG ONSEMI-MURF1660CTG_14 Datasheet
102Kb / 4P
Switch-mode Power Rectifier
February, 2014 ??Rev. 6
MBRP20030CTL ONSEMI-MBRP20030CTL Datasheet
131Kb / 4P
Switch-mode Power Rectifier
January, 2015 ??Rev. 7
BUX85G ONSEMI-BUX85G_15 Datasheet
72Kb / 5P
Switch?릑ode NPN Silicon Power Transistors
March, 2015 ??Rev. 18
MURD340T4G ONSEMI-MURD340T4G Datasheet
65Kb / 4P
Switch-mode PowerRectifier
October, 2016 ??Rev. 3
MBR30H100CTG ONSEMI-MBR30H100CTG Datasheet
87Kb / 8P
Switch?릑ode Power Rectifier
July, 2016 ??Rev. 6
MBR60L45CTG ONSEMI-MBR60L45CTG_15 Datasheet
103Kb / 6P
Switch?릑ode Power Rectifier
January, 2015 ??Rev. 4
MBR20200CT ONSEMI-MBR20200CT_14 Datasheet
93Kb / 5P
Switch?릑ode Power Rectifier
September, 2014 ??Rev. 10
MBR2535CTG ONSEMI-MBR2535CTG_14 Datasheet
94Kb / 4P
Switch?릑ode Power Rectifiers
September, 2014 ??Rev. 15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com