Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC070ID Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC070ID
Description  FAMILY OF WIDE BAND WIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC070ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC070ID Datasheet HTML 9Page - Texas Instruments TLC070ID Datasheet HTML 10Page - Texas Instruments TLC070ID Datasheet HTML 11Page - Texas Instruments TLC070ID Datasheet HTML 12Page - Texas Instruments TLC070ID Datasheet HTML 13Page - Texas Instruments TLC070ID Datasheet HTML 14Page - Texas Instruments TLC070ID Datasheet HTML 15Page - Texas Instruments TLC070ID Datasheet HTML 16Page - Texas Instruments TLC070ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS219D − JUNE 1999 − REVISED FEBRUARY 2004
13
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
456789 10 11 12 13 14 15 16
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD − Supply Voltage - V
AV = 1
SHDN = VDD
Per Channel
TA = 125°C
TA = 70°C
TA = 25°C
TA = −40°C
Figure 11
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
40
010
80
140
1k
10k
f − Frequency − Hz
VDD = 12 V
120
100
60
100
20
0
100k
1M
10M
VDD = 5 V
0
20
40
60
80
100
120
140
Figure 12
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
f - Frequency - Hz
100k
1M
10M
10k
100
1k
VDD = 5 V and 12 V
TA = 25°C
Figure 13
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
0
10
100
10
25
10k
100k
f − Frequency − Hz
VDD = 5 V
40
VDD = 12 V
35
30
20
15
5
1k
Figure 14
0
2
4
6
8
10
12
PEAK-TO-PEAK OUTPUT
VOLTAGE
vs
FREQUENCY
f - Frequency - Hz
100k
1M
10M
10k
THD+N < = 5%
RL = 600 Ω
TA = 25°C
VDD = 12 V
VDD = 5 V
Figure 15
0
2
4
6
8
10
12
PEAK-TO-PEAK OUTPUT
VOLTAGE
vs
FREQUENCY
f - Frequency - Hz
100k
1M
10M
10k
THD+N < = 5%
RL = 10 kΩ
TA = 25°C
VDD = 12 V
VDD = 5 V
Figure 16
−120
10
100
−80
−20
10k
f − Frequency − Hz
0
−40
−60
−100
1k
−140
−160
100k
CROSSTALK
vs
FREQUENCY
VDD = 5 V and 12 V
AV = 1
RL = 10 kΩ
VI(PP) = 2 V
For All Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com