Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6442IMM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6442IMM
Description  Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6442IMM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6442IMM Datasheet HTML 1Page - National Semiconductor (TI) LMC6442IMM Datasheet HTML 2Page - National Semiconductor (TI) LMC6442IMM Datasheet HTML 3Page - National Semiconductor (TI) LMC6442IMM Datasheet HTML 4Page - National Semiconductor (TI) LMC6442IMM Datasheet HTML 5Page - National Semiconductor (TI) LMC6442IMM Datasheet HTML 6Page - National Semiconductor (TI) LMC6442IMM Datasheet HTML 7Page - National Semiconductor (TI) LMC6442IMM Datasheet HTML 8Page - National Semiconductor (TI) LMC6442IMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMC6442
Dual Micropower Rail-to-Rail Output Single Supply
Operational Amplifier
General Description
The LMC6442 is ideal for battery powered systems, where
very low supply current (less than one microamp per ampli-
fier) and Rail-to-Rail output swing is required. It is character-
ized for 2.2V to 10V operation, and at 2.2V supply, the
LMC6442 is ideal for single (Li-Ion) or two cell (NiCad or
alkaline) battery systems.
The LMC6442 is designed for battery powered systems that
require long service life through low supply current, such as
smoke and gas detectors, and pager or personal communi-
cations systems.
Operation from single supply is enhanced by the wide com-
mon mode input voltage range which includes the ground (or
negative supply) for ground sensing applications. Very low
(5fA, typical) input bias current and near constant supply
current over supply voltage enhance the LMC6442’s perfor-
mance near the end-of-life battery voltage.
Designed for closed loop gains of greater than plus two (or
minus one), the amplifier has typically 9.5 KHz GBWP (Gain
Bandwidth Product). Unity gain can be used with a simple
compensation circuit, which also allows capacitive loads of
up to 300 pF to be driven, as described in the Application
Notes section.
For compact assembly the LMC6442 is available in the
MSOP 8 pin package, about one half the size required by the
SOIC 8 pin package. 8 pin DIP and 8 pin SOIC are also
available.
Features
(Typical, V
S = 2.2V)
n
Output Swing to within 30 mV of supply rail
n
High voltage gain
103 dB
n
Gain Bandwidth Product
9.5 KHz
n
Guaranteed for:
2.2V, 5V, 10V
n
Low Supply Current
0.95 µA/Amplifier
n
Input Voltage Range
−0.3V to V
+ -0.9V
n
2.1 µW/Amplifier
Power consumption
n
Stable for A
V
≥+2 or A
V
≤ −1
Applications
n
Portable instruments
n
Smoke/gas/CO/fire detectors
n
Pagers/cell phones
n
Instrumentation
n
Thermostats
n
Occupancy sensors
n
Cameras
n
Active badges
Connection Diagram
10006440
Top View
August 2000
© 2004 National Semiconductor Corporation
DS100064
www.national.com


Similar Part No. - LMC6442IMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6442IM/NOPB TI1-LMC6442IM/NOPB Datasheet
1Mb / 24P
LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442IM/NOPB TI2-LMC6442IM/NOPB Datasheet
1Mb / 27P
LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
REVISED MARCH 2013
LMC6442IM/NOPB.A TI2-LMC6442IM/NOPB.A Datasheet
1Mb / 27P
LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
REVISED MARCH 2013
LMC6442IM/NOPB.B TI2-LMC6442IM/NOPB.B Datasheet
1Mb / 27P
LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
REVISED MARCH 2013
logo
National Semiconductor ...
LMC6442IMNOPB NSC-LMC6442IMNOPB Datasheet
1Mb / 24P
LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
More results

Similar Description - LMC6442IMM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV.A
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7036 NJRC-NJU7036 Datasheet
1Mb / 16P
High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
May 14, 2009
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6442 NSC-LMC6442_14 Datasheet
1Mb / 24P
LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Texas Instruments
LMC6442 TI1-LMC6442 Datasheet
1Mb / 24P
LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJM8204 NJRC-NJM8204 Datasheet
696Kb / 15P
Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com