Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6582AIN Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6582AIN
Description  Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6582AIN Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC6582AIN Datasheet HTML 1Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 2Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 3Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 4Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 5Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 6Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 7Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 8Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
3V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 3.0V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
LMC6582AI
LMC6582BI
Symbol
Parameter
Conditions
Typ
LMC6584AI
LMC6584BI
Units
(Note 5)
Limit
Limit
(Note 6)
(Note 6)
I
SC
Output Short Circuit
Sourcing, V
O = 0V
20
9.0
9.0
mA
Current
6.7
6.7
min
Sinking, V
O = 3V
12
6.0
6.0
mA
4.5
4.5
min
I
S
Supply Current
Dual, LMC6582
1.4
2.26
2.26
mA
V
CM = 1.5V
2.75
2.75
max
Quad, LMC6584
2.8
4.52
4.52
mA
V
CM = 1.5V
5.42
5.42
max
1.8V and 2.2V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 1.8V and 2.2V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1M
Ω. Boldface limits apply at the temperature extremes.
LMC6582AI
LMC6582BI
Symbol
Parameter
Conditions
Typ
LMC6584AI
LMC6584BI
Units
(Note 5)
Limit
Limit
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
V
+ = 1.8V, V
CM = 1.5V
0.5
3
10
mV
max
V
+ = 2.2V, V
CM = 1.5V
0.5
2
6
mV
3.8
7.8
max
TCV
os
Input Offset Voltage
V
+ = 2.2V
1.5
µV/˚C
Average Drift
I
B
Input Current
V
+ = 2.2V (Note 12)
0.08
20
20
pA max
I
OS
Input Offset Current
V
+ = 2.2V (Note 12)
0.04
10
10
pA max
CMRR
Common Mode
V
+ = 2.2V, (Note 13)
82
60
60
dB min
Rejection Ratio
V
+ = 1.8V, (Note 13)
82
50
50
dB min
PSRR
Power Supply
± 1.1V
≤ V
S ≤ ±5V,
82
70
65
dB
Rejection Ratio
V
O = V
+/2 = V
CM
65
62
min
V
CM
Input Common Mode
V
+ = 2.2V
CMRR > 40 dB
2.38
2.2
2.2
V min
Voltage Range
−0.15
0.0
0.0
V max
V
+ = 1.8V
CMRR > 40 dB
1.98
1.8
1.8
V min
−0.10
0.0
0.0
V max
V
O
Output Swing
V
+ = 2.2V
2.15
2.0
2.0
V
R
L = 2kΩ to V
+/2
1.88
1.88
min
0.05
0.2
0.2
V
0.32
0.32
max
V
+ = 1.8V
1.75
1.6
1.6
V
R
L = 2kΩ to V
+/2
1.44
1.44
min
0.05
0.2
0.2
V
0.36
0.36
max
I
S
Supply Current
Dual, LMC6582
1.4
2.2
2.2
mA
V
CM = 1.5V
2.7
2.7
max
Quad, LMC6584
2.8
4.4
4.4
mA
V
CM = 1.5V
5.3
5.3
max
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com