Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THCS133 Datasheet(PDF) 8 Page - THine Electronics, Inc.

Part # THCS133
Description  I/OSpreader
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS133 Datasheet(HTML) 8 Page - THine Electronics, Inc.

Back Button THCS133_15 Datasheet HTML 3Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 4Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 5Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 6Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 7Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 8Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 9Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 10Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 11Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
THCS133_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
7/10
8bit Output + Output Enable
Upper Output Enable
(CTL1)
Lower Output Enable
(CTL0)
Data Output
Upper 8bit data
Lower 8bit data
(DATA[7:0])
tWOE
tCLOE
tPZO
tPOZ
When receiving new incoming data during CTL0 or CTL1 = Low, output data is updated to this new data.
・
Latch Enable, Output Enable Truth Table
Transmitter mode
CTL1
CTL0
Latch Enable Input
L
L
Lower 8bit data is transmitted by sampling frequency
(8bit through mode)
↑
H
Upper 8bit input latch
H
↑
Lower 8bit input latch and 16-bit data reception
H
H
Keep data
The rising edge of CTL0 is the trigger for sampling of upper and lower data.
Receiver mode
CTL1
CTL0
Output Enable Input
L
L
Output disable
(
DATA pins are pulled down by 250kΩ internally)
L
H
Upper 8bit Output enable
H
L
Lower 8bit Output enable
H
H
Output disable
(
DATA pins are pulled down by 250kΩ internally)
・
Transmitter or Receiver select
Pin
Description
RXEN
H
Receiver mode (Serial to Parallel)
L
Transmitter mode (Parallel to Serial)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com