Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THCS134 Datasheet(PDF) 2 Page - THine Electronics, Inc.

Part # THCS134
Description  I/OSpreader TSSOP28
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS134 Datasheet(HTML) 2 Page - THine Electronics, Inc.

  THCS134_15 Datasheet HTML 1Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 2Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 3Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 4Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 5Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 6Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 7Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 8Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
THCS134-TSSOP_Rev.1.02_E
Copyright©2015 THine Electronics, Inc.
THine Electronics, Inc.
Security E
1/19
THCS134
I/OSpreader TSSOP28
General Description
The THCS134 provides a function to serialize
multiple parallel signals into single-ended serial
line at least or to deserialize the data stream over
single-ended serial line or single differential pair
into multiple parallel signals.
This small number of transmission line simplifies
system configuration and reduces system cost
including cable width, connector size and pins
and PCB layout area.
The THCS134 is offered in 8bit/16bit parallel
IOs as host MPU interface. It can transfer 16bit
independent parallel signals to remote side by
only 1-line or 1-pair cable. Also, the THCS134
set as master device can control plural slave
devices by transmitting and receiving data that is
designated as a device address.
Transmitter, receiver or transceiver function can
be selected by pins.
Features
- No External Clock Required.
-8bit/16bit Parallel IOs to MPU.
- Uni-directional/Bi-directional Mode Selectable
- Single-ended/Differential Mode (noise tolerant)
Selectable
- AC Coupling Supported with Differential Mode
- Transmission Status Error Indicator Supported
(Line Cut Detection and Packet Error
Detection)
- Digital Filter Function.
- Power supply : 3.0 to 5.5V
- TSSOP 28-pin
- EU RoHS Compliant
Block Diagram
THCS134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com