Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THCV236 Datasheet(PDF) 13 Page - THine Electronics, Inc.

Part # THCV236
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV236 Datasheet(HTML) 13 Page - THine Electronics, Inc.

Back Button THCV236 Datasheet HTML 9Page - THine Electronics, Inc. THCV236 Datasheet HTML 10Page - THine Electronics, Inc. THCV236 Datasheet HTML 11Page - THine Electronics, Inc. THCV236 Datasheet HTML 12Page - THine Electronics, Inc. THCV236 Datasheet HTML 13Page - THine Electronics, Inc. THCV236 Datasheet HTML 14Page - THine Electronics, Inc. THCV236 Datasheet HTML 15Page - THine Electronics, Inc. THCV236 Datasheet HTML 16Page - THine Electronics, Inc. THCV236 Datasheet HTML 17Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
13/56
Security E
Hot-Plug Function
HTPDN signal indicates connecting condition between the Transmitter and the Receiver. HTPDN of the
transmitter side is high when the Receiver is not active or not connected. Then the Transmitter can enter into the
power down mode. HTPDN is set to low by the Receiver when the Receiver is active and connects to the
Transmitter, and then the Transmitter must start up and transmit CDR training pattern for link training.
HTPDN is transferred to the Transmitter via Sub-Link line. HOST MPU can confirm HTPDN state by reading
Sub-Link Master register (0x00 bit0 HTPDN).
Lock Detect Function
LOCKN indicates whether the receiver CDR PLL is in the lock state or not. LOCKN at the Transmitter input is
set to High when the Receiver is not active or at the CDR PLL training state. LOCKN is set to low by the
Receiver when CDR lock is done. Then the CDR training mode finishes and the Transmitter shifts to the normal
operation.
LOCKN is transferred via Sub-Link line. HOST MPU can confirm LOCKN state by reading Sub-Link Master
register (0x00 bit1 LOCKN).
2-wire
seria
l
Slave
V-by-One
®HS
Main-Lin
k
Rece
iver
Main-Lin
k
LOCKN,
HTPDN
LOCKN
,
HTPDN
Sub-Link
Bloc
k
(
Master
)
Sub-Link
THCV236
Sub
-Lin
k
Master
Reg
ister
0
x
00
bit1:
L
OC
KN
bit0
:HTPDN
V-by-One
®HS
Main-Lin
k
Transmitter
2-wire
seria
l
Master
Sub-Link
Slave
Reg
ister
THCV
231
Sub-Link
Bloc
k
(
Slave
)
Host
MPU
SD1(
SC
L)
SD0(
SD
A
)
THCV
231
:
Sub-
Li
nk
Slave,
THCV
236
:
Sub
-
Lin
k
Maste
r
Figure 2. HTPDN, LOCKN transmission route



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com