Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC660EM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC660EM
Description  CMOS Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC660EM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC660EM Datasheet HTML 6Page - National Semiconductor (TI) LMC660EM Datasheet HTML 7Page - National Semiconductor (TI) LMC660EM Datasheet HTML 8Page - National Semiconductor (TI) LMC660EM Datasheet HTML 9Page - National Semiconductor (TI) LMC660EM Datasheet HTML 10Page - National Semiconductor (TI) LMC660EM Datasheet HTML 11Page - National Semiconductor (TI) LMC660EM Datasheet HTML 12Page - National Semiconductor (TI) LMC660EM Datasheet HTML 13Page - National Semiconductor (TI) LMC660EM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical Single-Supply Applications (V+ = 5.0 VDC)
Additional single-supply applications ideas can be found in
the LM324 datasheet. The LMC660 is pin-for-pin compatible
with the LM324 and offers greater bandwidth and input resis-
tance over the LM324. These features will improve the per-
formance of many existing single-supply applications. Note,
however, that the supply voltage range of the LMC660 is
smaller than that of the LM324.
If R1 = R5, R3 = R6, and R4 = R7; then
∴ A
V ≈100 for circuit shown.
For good CMRR over temperature, low drift resistors should
be used. Matching of R3 to R6 and R4 to R7 affect CMRR.
Gain may be adjusted through R2. CMRR may be adjusted
through R7.
Oscillator frequency is determined by R1, R2, C1, and C2:
fosc = 1/2
πRC, where R = R1 = R2 and
C = C1 = C2.
This circuit, as shown, oscillates at 2.0 kHz with a peak-to-
peak output swing of 4.5V.
Low-Leakage Sample-and-Hold
DS008767-7
Instrumentation Amplifier
DS008767-8
Sine-Wave Oscillator
DS008767-9
1 Hz Square-Wave Oscillator
DS008767-10
Power Amplifier
DS008767-11
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com