Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR36MF12NIP Datasheet(PDF) 9 Page - Sharp Corporation

Part # PR36MF12NIP
Description  IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR36MF12NIP Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PR36MF12NIP Datasheet HTML 5Page - Sharp Corporation PR36MF12NIP Datasheet HTML 6Page - Sharp Corporation PR36MF12NIP Datasheet HTML 7Page - Sharp Corporation PR36MF12NIP Datasheet HTML 8Page - Sharp Corporation PR36MF12NIP Datasheet HTML 9Page - Sharp Corporation PR36MF12NIP Datasheet HTML 10Page - Sharp Corporation PR36MF12NIP Datasheet HTML 11Page - Sharp Corporation PR36MF12NIP Datasheet HTML 12Page - Sharp Corporation PR36MF12NIP Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
PR26MF1xNSZ Series
PR36MF1xNSZ Series
■ Design Considerations
In order for the SSR to turn off, the triggering current (IF) must be 0.1mA or less.
In phase control applications or where the SSR is being by a pulse signal, please ensure that the pulse width
is a minimum of 1ms.
When the input current (IF) is below 0.1mA, the output Triac will be in the open circuit mode. However, if the
voltage across the Triac, VD, increases faster than rated dV/dt, the Triac may turn on. To avoid this situation,
please incorporate a snubber circuit. Due to the many different types of load that can be driven, we can
merely recommend some circuit values to start with : Cs=0.022µF and Rs=47Ω. The operation of the SSR
and snubber circuit should be tested and if unintentional switching occurs, please adjust the snubber circuit
component values accordingly.
When making the transition from On to Off state, a snubber circuit should be used ensure that sudden drops
in current are not accompanied by large instantaneous changes in voltage across the Triac.
This fast change in voltage is brought about by the phase difference between current and voltage.
Primarily, this is experienced in driving loads which are inductive such as motors and solenods.
Following the procedure outlined above should provide sufficient results.
Any snubber or Varistor used for the above mentioned scenarios should be located as close to the main
output triac as possible.
All pins shall be used by soldering on the board. (Socket and others shall not be used.)
● Degradation
In general, the emission of the IRED used in SSR will degrade over time.
In the case where long term operation and / or constant extreme temperature fluctuations will be applied to
the devices, please allow for a worst case scenario of 50% degradation over 5years.
Therefore in order to maintain proper operation, a design implementing these SSRs should provide at least
twice the minimum required triggering current from initial operation.
● Design guide
Sheet No.: D4-A00401EN
● Recommended Operating Conditions
Parameter
PR26MF1xNSZ
PR36MF1xNSZ
Symbol
Unit
Input
Output
Input signal current
at ON state
Input signal current at OFF state
Load supply voltage
Load supply current
Frequency
Operating temperature
IF(ON)
IF(OFF)
VOUT(rms)
IOUT(rms)
f
Topr
mA
mA
V
mA
Hz
˚C
−
−
−
Locate snubber circuit between output terminals
(Cs
=0.022µF, Rs=47Ω)
−
−
Conditions
20
10
0
−
−
50
−20
25
15
0.1
120
240
IT(rms)
×80%(∗)
60
80
MIN.
MAX.
(∗) See Fig.2 about derating curve (IT(rms) vs. ambient temperature).
Rank 1
Rank 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com