Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8214 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8214
Description  40MSPS 16 BIT CCD DIGITISER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8214 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8214 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Product Preview
WM8214
w
PP Rev 1.6 March 2004
29
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
1:0
OPFORM[1:0]
0
Determines the output data format.
x0 = 8-bit multiplexed (8+8 bits)
01 = 8-bit parallel (8-MSBs only)
11 = 4-bit multiplexed mode (4+4+4+4 bits). This mode is only valid when
LEGACY=1.
2
INVOP
0
Digitally inverts the polarity of output data.
0 = negative going video gives negative going output,
1 = negative-going video gives positive going output data.
Output Disable. This works with the OEB pin to control the output pins.
0=Digital outputs enabled, 1=Digital outputs high impedance
OEB (pin)
OPD
OP pins
0
0
Enabled
0
1
High Impedance
1
0
High Impedance
3
OPD
0
1
1
High impedance
4
LOWREFS
0
Reduces the ADC reference range (2*[VRT-VRB]), thus changing the max/min
input voltages.
0= ADC reference range = 2.0V
1= ADC reference range = 1.2V
5
RLCDACRNG
1
Sets the output range of the RLCDAC.
0 = RLCDAC ranges from 0 to AVDD (approximately),
1 = RLCDAC ranges from 0 to VRT (approximately).
Controls the latency from sample to data appearing on output pins
Latency
DEL
LEGACY=0
All timing modes
LEGACY=1
timing modes 1-2,4-6
LEGACY=1
timing mode 3
00
7 MCLK periods
16.5 MCLK periods
23.5 MCLK periods
01
8 MCLK periods
18.5 MCLK periods
26.5 MCLK periods
10
9 MCLK periods
20.5 MCLK periods
29.5 MCLK periods
Setup
Register 2
7:6
DEL[1:0]
00
11
10 MCLK periods
22.5 MCLK periods
31.5 MCLK periods
3:0
RLCDAC[3:0]
1111
Controls RLCDAC driving VRLC/VBIAS pin to define single ended signal
reference voltage or Reset Level Clamp voltage. See Electrical Characteristics
section for ranges.
5:4
CDSREF[1:0]
01
When LEGACY=0 these register bits have no effect.
CDS mode reset timing adjust.
00 = Advance reset sample by 1 MCLK period (relative to default).
01 = Default reset sample position.
10 = Delay reset sample by 1 MCLK period (relative to default)
11 = Delay reset sample by 2 MCLK periods (relative to default)
When MONO=0 these register bits have no effect
Monochrome mode channel select.
Setup
Register 3
7:6
CHAN[1:0]
00
00 = Red channel select
01 = Green channel select
10 = Blue channel select
11 = Reserved
Software
Reset
Any write to Software Reset causes all cells to be reset. It is recommended
that a software reset be performed after a power-up before any other register
writes.
Auto-cycle
Reset
Any write to Auto-cycle Reset causes the auto-cycle counter to reset
to RINP. This function is only required when LINEBYLINE = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com