Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8772 Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
Production Data
WM8772EFT – 32 PIN TQFP
w
PD Rev 4.1 October 2004
61
MASTER MODE DACLRC FREQUENCY SELECT
In Master mode the WM8772EFT generates DACLRC and DACBCLK. These clocks are derived
from the master clock and the ratio of DACMCLK to DACLRC is set by DACRATE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001010
Interface Control
8:6
DACRATE [2:0]
010
Master Mode
DACMCLK:DACLRC Ratio
Select:
000: 128fs
001: 192fs
010: 256fs
011: 384fs
100: 512fs
101: 768fs
ADC DIGITAL AUDIO INTERFACE CONTROL REGISTER
Interface format is selected via the ADCFMT[1:0] register bits:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001011
Interface Control
1:0
ADCFMT[1:0]
00
Interface Format Select
00: Right justified mode
01: Left justified mode
10: I
2S mode
11: DSP (early or late) mode
The ADCIWL[1:0] bits are used to control the input word length.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001011
Interface Control
3:2
ADCIWL[1:0]
00
Input Word Length
00: 16 bit data
01: 20 bit data
10: 24 bit data
11: 32 bit data
Note: 32-bit right justified mode is not supported.
In all modes, the data is signed 2's complement.
ADC MASTER MODE SELECT
Control bit ADCMS selects between audio interface Master and Slave Modes. In Master mode
ADCLRC and ADCBCLK are outputs and are generated by the WM8772EFT. In Slave mode
ADCLRC and ADCBCLK are inputs to WM8772EFT.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001011
Interface Control
4
ADCMS
0
ADC Audio Interface
Master/Slave Mode Select:
0: Slave mode
1: Master mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com