Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8510GEDS/RV Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/RV
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/RV Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
WM8510
Product Preview
w
PP Rev 1.2 December 2004
34
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
0
VROI
0
VREF (AVDD/2 or 1.5xAVDD/2) to
analogue output resistance
0: approx 1k
1: approx 30 k
Table 20 Disabled Outputs to VREF Resistance
A dedicated buffer is available for tieing off unused analogue I/O pins as shown in Figure 16. This
buffer can be enabled using the BUFIOEN register bit.
If the SPKBOOST or MONOBOOST bits are set then the relevant outputs will be tied to the output of
the DC level shift buffer at 1.5xAVDD/2 when disabled.
Table 21 summarises the tie-off options for the speaker and mono output pins.
Figure 16 Unused Input/Output Pin Tie-off Buffers
MONOEN/
SPKN/PEN
MONOBOOST/
SPKBOOST
VROI
OUTPUT CONFIGURATION
0
0
0
1kΩ tieoff to AVDD/2
0
0
1
30kΩ tieoff to AVDD/2
0
1
0
1kΩ tieoff to 1.5xAVDD/2
0
1
1
30kΩ tieoff to 1.5xAVDD/2
1
0
X
Output enabled (DC level=AVDD/2)
1
1
X
Output enabled (DC level=1.5xAVDD/2)
Table 21 Unused Output Pin Tie-off Options
OUTPUT SWITCH
When the device is configured with a 2-wire interface the CSB/GPIO pin can be used as a switch
control input to automatically disable the speaker outputs and enable the mono output. For example
when a line is plugged into a jack socket. In this mode, enabled by setting GPIOSEL=001, pin
CSB/GPIO switches between mono and speaker outputs (e.g. when pin 12 is connected to a
mechanical switch in the headphone socket to detect plug-in). The GPIOPOL bit reverses the polarity
of the CSB/GPIO input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com