Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8214SCDR Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8214SCDR
Description  40MSPS 16 BIT CCD DIGITISER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8214SCDR Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8214SCDR Datasheet HTML 24Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 25Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 26Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 27Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 28Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 29Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 30Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 31Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
WM8214
Product Preview
w
PP Rev 1.6 March 2004
28
REGISTER MAP DESCRIPTION
The following table describes the function of each of the control bits shown in Table 4.
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
0
EN
1
Global Enable
0 = complete power down,
1 = fully active (individual blocks can be disabled using individual powerdown
bits – see setup register 5).
1
CDS
1
Select correlated double sampling mode:
0 = single ended mode,
1 = CDS mode.
2
MONO
0
Sampling mode select (see Table 6 for further details):
0 = other mode (2 or 3-channel)
1 = Monochrome (1-channel) mode. Input channel selected by CHAN[1:0]
register bits, unused channels are powered down.
3
TWOCHAN
0
Sampling mode select (see Table 6 for further details):
0 = other mode (1 or 3-channel)
1 = 2-channel mode. Inputs channels are Red and Green, Blue channel is
powered down.
5:4
PGAFS[1:0]
00
Offsets PGA output to optimise the ADC range for different polarity sensor
output signals. Zero differential PGA input signal gives:
0x = Zero output from the PGA (Output code=32767)
10 = Full-scale positive output (OP=65535) - use for negative going video.
NB, Set INVOP=1 if zero differential input should give a zero output
code with negative going video.
11 = Full-scale negative output (OP=0) - use for positive going video
6
MODE4LEG
0
This bit has no effect when LEGACY=0. Set this bit when operating in
LEGACY MODE4:
0 = other modes, 1 = LEGACY MODE4.
Setup
Register 1
7
LEGACY
0
Makes the WM8214 timing compatible with the WM819x and WM815x AFE
families.
0 = Normal timing
1 = Enable LEGACY timing. Requires double rate MCLK and pixel rate VSMP
input. RSMP pin performs same function as RLC/ACYC pin on WM819x
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com