Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7211 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7211
Description  Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7211 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC7211 Datasheet HTML 5Page - National Semiconductor (TI) LMC7211 Datasheet HTML 6Page - National Semiconductor (TI) LMC7211 Datasheet HTML 7Page - National Semiconductor (TI) LMC7211 Datasheet HTML 8Page - National Semiconductor (TI) LMC7211 Datasheet HTML 9Page - National Semiconductor (TI) LMC7211 Datasheet HTML 10Page - National Semiconductor (TI) LMC7211 Datasheet HTML 11Page - National Semiconductor (TI) LMC7211 Datasheet HTML 12Page - National Semiconductor (TI) LMC7211 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Information (Continued)
9.0 Additional SOT23-5 Tiny Devices
National Semiconductor has additional parts available in the
space saving SOT23 Tiny package, including amplifiers,
voltage references, and voltage regulators. These devices
include —
LMC7101 1 MHz gain-bandwidth rail-to-rail input and out-
put amplifier — high input impedance and high
gain 700 µA typical current 2.7V, 3V, 5V and 15V
specifications.
LMC7111 Low power 50 kHz gain-bandwidth rail-to-rail in-
put and output amplifier with 25 µA typical cur-
rent specified at 2.7V, 3.0V, 3.3V, 5V and 10V.
LM7131
Tiny Video amp with 70 MHz gain bandwidth 3V,
5V and ±5V specifications.
LP2980
Micropower SOT 50 mA Ultra Low-Dropout
Regulator.
LM4040
Precision micropower shunt voltage reference.
Fixed voltages of 2.500V, 4.096V, 5.000V,
8.192V and 10.000V.
LM4041
Precision micropower shut voltage reference
1.225V and adjustable.
LM385
Low current voltage reference. Fixed Voltages of
1.2V and 2.5V.
Contact your National Semiconductor representative for the
latest information.
10.0 Spice Macromodel
A Spice Macromodel is available for the LMC7211 compara-
tor on the National Semiconductor Amplifier Macromodel
disk. Contact your National Semiconductor representative to
obtain the latest version.
8 mm
7.00
0.059
0.512
0.795
2.165
0.331 + 0.059/−0.000
0.567
W1+ 0.078/−0.039
330.00
1.50
13.00
20.20
55.00
8.40 + 1.50/−0.00
14.40
W1 + 2.00/−1.00
Tape
Size
A
B
C
D
N
W1
W2
W3
SOT-23-5 Tape and Reel Specification
TAPE FORMAT
Tape Section
# Cavities
Cavity Status
Cover Tape Status
Leader
0 (min)
Empty
Sealed
(Start End)
75 (min)
Empty
Sealed
REEL DIMENSIONS
DS012337-13
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com