Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4221 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N4221
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N4221 Datasheet(HTML) 1 Page - InterFET Corporation

  2N4221 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-10
01/99
2N4220, 2N4220A, 2N4221, 2N4221A, 2N4222, 2N4222A
N-Channel Silicon Junction Field-Effect Transistor
¥ Mixers
¥ Oscillators
¥ VHF Amplifiers
¥ Small Signal Amplifiers
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 30 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
300 mW
Power Derating (to 150 °C)
2 mW/°C
TOÐ72 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
2N4220
2N4221
2N4222
2N4220A
2N4221A
2N4222A
At 25°C free air temperature:
NJ16
NJ16
NJ32
Process
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 30
– 30
– 30
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
IGSS
– 0.1
– 0.1
– 0.1
nA
VGS = – 15V, VDS = ØV
– 0.1
– 0.1
– 0.1
µA
VGS = – 15V, VDS = ØV
TA = 150°C
Gate Source Voltage
VGS
– 0.5
– 2.5
– 1
– 5
– 2
– 6
V
VDS = 15V, ID = ( )
(50)
(50)
(200) (200) (500) (500)
µA
Gate Source Cutoff Voltage
VGS(OFF)
– 4– 6– 8
V
VDS = 15V, ID = 0.1 nA
Drain Saturation Current (Pulsed)
IDSS
0.5
3265
15
mA
VDS = 15V, VGS = ØV
Dynamic Electrical Characteristics
Common Source Forward
gfs
1000
4000
2000
5000
2500
6000
µS
VDS = 15V, VGS = ØV
f = 1 kHz
Transconductance
Common Source Forward Transmittance
| Yfs |
750
750
750
µS
VDS = 15V, VGS = ØV
f = 100 MHz
Common Source Output Conductance
gos
10
20
40
µS
VDS = 15V, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
666
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Common Source Reverse
Crss
222
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Transfer Capacitance
Noise Figure
NF
2.5
2.5
2.5
dB
VDS = 15V, VGS = ØV
f = 100 MHz
2N4220A, 2N4221A, 2N4222A
RG = 1 MΩ
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-10


Similar Part No. - 2N4221

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4221 CENTRAL-2N4221 Datasheet
58Kb / 1P
Junction FETs Low Frequency/ Low Noise
logo
InterFET Corporation
2N4221 INTERFET-2N4221 Datasheet
92Kb / 1P
N - CHANNEL JFETS GENERAL - PURPOSE DEVICE TYPES
logo
Intersil Corporation
2N4221 INTERSIL-2N4221 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Calogic, LLC
2N4221 CALOGIC-2N4221 Datasheet
67Kb / 1P
N-Channel JFET General Purpose Amplifier/Switch
logo
American Microsemicondu...
2N4221 AMMSEMI-2N4221 Datasheet
905Kb / 1P
LOW POWER FIELD EFFECT TRANSISTORS
More results

Similar Description - 2N4221

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com