Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3318 Datasheet(PDF) 1 Page - Fuji Electric

Part # 2SC3318
Description  TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SC3318 Datasheet(HTML) 1 Page - Fuji Electric

  2SC3318 Datasheet HTML 1Page - Fuji Electric 2SC3318 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2SC3318
FUJI POWER TRANSISTOR
TRIPLE DIFFUSED PLANER TYPE
HIGH VOLTAGE,HIGH SPEED SWITCHING
Features
High voltage,High speed switching
High reliability
Applications
Switching regulators
Ultrasonic generators
High frequency inverters
General purpose power amplifiers
Thermal characteristics
Item
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Rth(j-c)
Junction to case
1.55
°C/W
V
V
V
V
A
A
W
°C
°C
Item
Symbol
Ratings
Unit
Maximum ratings and characteristics
Absolute maximum ratings (Tc=25°C unless otherwise specified)
-65 to +150
Electrical characteristics (Tc =25°C unless otherwise specified)
Min.
Typ.
Max.
Units
V
V
V
V
mA
mA
V
V
µs
µs
µs
Symbol
VCBO
VCEO
VCEO(SUS)
VEBO
ICBO
IEBO
hFE
VCE(Sat)
VBE(Sat)
ton
tstg
tf
Test Conditions
ICBO = 1mA
ICEO = 10mA
IC = 0.2A
IEBO = 1mA
VCBO = 500V
VEBO = 7V
IC = 5A, VCE = 5V
IC = 5A, IB = 1A
IC = 5A, IB1 = 1A
IB2 = -2A, RL = 30 ohm
Pw = 20 µs Duty=<2%
500
400
400
-
7-
-
1.0
-
1.0
10
1.0
1.5
0.5
1.5
0.15
Outline Drawings
TO-3P
JEDEC
-
EIAJ
SC-65
500
400
400
7
10
3
80
+150
Collector-Base voltage
VCBO
Collector-Emitter voltage
VCEO
Collector-Emitter voltage
VCEO(SUS)
Emitter-Base voltage
VEBO
Collector current
IC
Base current
IB
Collector power disspation
PC
Operating junction temperature
Tj
Storage temperature
Tstg
Item
Collector-Base voltage
Collector-Emitter voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector-Base leakage current
Emitter-Base leakage current
D.C. current gain
Collector-Emitter saturation voltage
Base-Emitter saturation voltage
*1
Switching time
Thermal resistance


Similar Part No. - 2SC3318

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SC3318 FUJI-2SC3318 Datasheet
109Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC3318 ETC-2SC3318 Datasheet
78Kb / 1P
SUPER HIGH SPEED SWITCHING TRANSISTORS
2SC3318 ETC1-2SC3318 Datasheet
81Kb / 2P
High speed switching transistor
logo
Savantic, Inc.
2SC3318 SAVANTIC-2SC3318 Datasheet
198Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3318 ISC-2SC3318 Datasheet
191Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC3318

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SC4276 FUJI-2SC4276 Datasheet
111Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
2SC3318 FUJI-2SC3318 Datasheet
109Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
2SC3320 FUJI-2SC3320 Datasheet
109Kb / 3P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
2SC2656 FUJI-2SC2656 Datasheet
124Kb / 4P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
2SC3549 FUJI-2SC3549 Datasheet
129Kb / 4P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
ET401R FUJI-ET401R Datasheet
205Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
2SC2625 FUJI-2SC2625 Datasheet
106Kb / 3P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
2SC3551 FUJI-2SC3551 Datasheet
235Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
logo
New Jersey Semi-Conduct...
2SC2625 NJSEMI-2SC2625 Datasheet
128Kb / 1P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE, HIGH SPEED SWITCHING
2SC4622 NJSEMI-2SC4622 Datasheet
134Kb / 1P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE, HIGH SPEED SWITCHING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com