Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASF1400 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ASF1400
Description  Bidirectional Mass Flow Meter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASF1400 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ASF1400 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ASF1400 Bidirectional Mass Flow Meter
ver
↵
version
Provides type of sensor, software, hardware and customer version
get
↵
Start single measurement
go
↵
Starts series of measurements
s
stop
Stops series of measurements
reset
↵
Resets ASF1400 device
res=1..9
↵
resolution
Sets resolution: 1 -> 12 bits; 9 -> 15 bits, see Table 2
res?
resolution
Shows actual setting
mod=F | T
↵
mode
Selects Flow- (F) or Temperature mode (T)
mod?
mode
Shows actual setting
Disp=s,d
display mode
Shows Flow (s) or Flow+Temperature (d)
*no effect in the Temerature mode
Disp?
display mode
Shows actual setting
defspi=P | G
↵
define spi
Sets SPI in Push- (P) or Get mode (G), see also Section 4.3
Notes:
• Default settings are marked in bold letters
• The commands are not case sensitive.
• In order to send a new command to the ASF1400 make sure the ASF1400 is not in measurement mode. Issue therefore a stop command
s first. After this, any instruction can be given to the ASF1400 and a new series of measurement can be started by go
↵.
• Due to the limited write cycles allowed for the EEPROM, excessive configuration modifications should be avoided.
4 Specifications ASF1400
4.1 Absolute Maximum Ratings
Ambient storage temperature
-65°C to 150°C
Ambient operating temperature
0°C to 70°C
Overpressure resistance
2.0 bar
4.2 Electrical Specifications
Table 3: ASF1400 DC Characteristics.
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supply DC
DC
7
9
18
V
VDD = 9 V, no load
20
mA
Operating Current
27
mA
VDD = 9 V, 3k
Ω at RS232 output
Power Dissipation
VDD = 9 V, no load
180
mW
Table 4: ASF1400 RS-232 Characteristics.
Parameter
Conditions
Min.
Typ.
Max.
Units
RS232 Output
Transmitter output loaded
with 3k
Ω
±5
±9
V
Output Voltage Swing
Power-Off Output Resistance
300
Ω
Output Short Circuit Current
±18
mA
RS-232 Input
Voltage Range
-15
15
V
Voltage Threshold
Low
0.8
1.2
V
High
1.7
2.4
V
Hysteresis
0.2
0.5
1.0
V
Resistance
3
5
7
k
Ω
www.sensirion.com
Version 2.2
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com