Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8513 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ADM8513
Description  USB TO 10/100 MBPS ETHERNET LAN CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADM8513 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ADM8513 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
 
   !"
!#$#%&' &
  
(&) * &+
 
,,' & *#&-#./


+
EEPROM Chip Select
This enables the EEPROM during loading of the Ethernet
configuration data.
EECS
2
O
CMOS I/O with 5V tolerant, 2mA
EEPROM Data In
The MAC will use this pin to serially write opcodes, addresses
and data into the serial EEPROM.
EEDI
4
O
CMOS I/O with 5V tolerant, 2mA
EEPROM Data Out, internal pull low
The MAC will read the contents of the EEPROM serially through
this pin.
EEDO
5
I
Input, pull down, 5V tolerant
EEPROM Clock
After reset, the MAC if configured, will read the contents of the
EEPROM using EESK, EEDO, and EEDI. This pin provides the clock
for the EEPROM.
EESK
3
O
CMOS I/O with 5V tolerant, 2mA
Miscellaneous
GPIO[5:0]
9,8,24,26,27,28 I/O
These pins are used as general purpose Input/Output pins and
offset 0A[1] = 0 in EEPROM.
Default is internal pull-low
POREN#
10
I
Internal Power On Reset Logic Enable.
Default is enable and internal pull - low.
When external hardware reset is used, this pin should be
connected to Vcc via 4.7k resistor.
NC
11
X
No connection
POWER USB
UVDD 33
21
Power 3.3v power supply for USB transceiver
UVSS
18
Power Ground for USB transceiver
Power
VDD 33
1,6,13,22,29
Power 3.3v power supply
VSS
7,12,23,
17,25,30
Power
Ground
VAARef
42
power +3.3V Power Supply for Phy
GNDRef
40
power +3.3V Power Ground for Phy
VAAT
48
Power +3.3V for transmitter
GNDT
45
Power Gnd for Transmitter
VAAR
34
Power +3.3V for receiver
GNDR
37
Power Gnd for receiver




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com