Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC831BCP Datasheet(PDF) 39 Page - Analog Devices

Part # ADUC831BCP
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831BCP Datasheet(HTML) 39 Page - Analog Devices

Back Button ADUC831BCP Datasheet HTML 35Page - Analog Devices ADUC831BCP Datasheet HTML 36Page - Analog Devices ADUC831BCP Datasheet HTML 37Page - Analog Devices ADUC831BCP Datasheet HTML 38Page - Analog Devices ADUC831BCP Datasheet HTML 39Page - Analog Devices ADUC831BCP Datasheet HTML 40Page - Analog Devices ADUC831BCP Datasheet HTML 41Page - Analog Devices ADUC831BCP Datasheet HTML 42Page - Analog Devices ADUC831BCP Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
REV. 0
ADuC831
–39–
SPIDAT
SPI Data Register
Function
The SPIDAT SFR is written by the user to transmit data over the SPI interface or read by user code to
read data just received by the SPI interface.
SFR Address
F7H
Power-On Default Value
00H
Bit Addressable
No
SPI Interface—Master Mode
In master mode, the SCLOCK pin is always an output and gener-
ates a burst of eight clocks whenever user code writes to the
SPIDAT register. The SCLOCK bit rate is determined by
SPR0 and SPR1 in SPICON. It should also be noted that the
SS pin is not used in master mode. If the ADuC831 needs to
assert the
SS pin on an external slave device, a port digital output
pin should be used.
In master mode, a byte transmission or reception is initiated
by a write to SPIDAT. Eight clock periods are generated via the
SCLOCK pin and the SPIDAT byte being transmitted via MOSI.
With each SCLOCK period a data bit is also sampled via MISO.
After eight clocks, the transmitted byte will have been completely
transmitted and the input byte will be waiting in the input shift
register. The ISPI flag will be set automatically and an interrupt
will occur if enabled. The value in the shift register will be latched
into SPIDAT.
SPI Interface—Slave Mode
In slave mode the SCLOCK is an input. The
SS pin must
also be driven low externally during the byte communication.
Transmission is also initiated by a write to SPIDAT. In slave
mode, a data bit is transmitted via MISO and a data bit is received
via MOSI through each input SCLOCK period. After eight clocks,
the transmitted byte will have been completely transmitted and the
input byte will be waiting in the input shift register. The ISPI flag
will be set automatically and an interrupt will occur if enabled.
The value in the shift register will be latched into SPIDAT only
when the transmission/reception of a byte has been completed.
The end of transmission occurs after the eighth clock has been
received if CPHA = 1, or when
SS returns high if CPHA = 0.
Using the SPI Interface
Depending on the configuration of the bits in the SPICON SFR
shown in Table XI, the ADuC831 SPI interface will transmit or
receive data in a number of possible modes. Figure 33 shows all
possible ADuC831 SPI configurations and the timing relation-
ships and synchronization between the signals involved. Also
shown in this figure is the SPI interrupt bit (ISPI) and how it is
triggered at the end of each byte-wide communication.
SCLOCK
(CPOL = 1)
SCLOCK
(CPOL = 0)
(CPHA = 1)
(CPHA = 0)
SAMPLE INPUT
ISPI FLAG
DATA OUTPUT
ISPI FLAG
SAMPLE INPUT
DATA OUTPUT
?
MSB BIT 6 BIT 5
?
BIT 4 BIT 3 BIT 2 BIT 1 LSB
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
SS
Figure 33. SPI Timing, All Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com