Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6584 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6584
Description  Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6584 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC6584 Datasheet HTML 7Page - National Semiconductor (TI) LMC6584 Datasheet HTML 8Page - National Semiconductor (TI) LMC6584 Datasheet HTML 9Page - National Semiconductor (TI) LMC6584 Datasheet HTML 10Page - National Semiconductor (TI) LMC6584 Datasheet HTML 11Page - National Semiconductor (TI) LMC6584 Datasheet HTML 12Page - National Semiconductor (TI) LMC6584 Datasheet HTML 13Page - National Semiconductor (TI) LMC6584 Datasheet HTML 14Page - National Semiconductor (TI) LMC6584 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
3.0 Low Voltage Operation (Continued)
Battery Type
Nominal Voltage
End of Discharge
Voltage
NiMH
1.2V
1V
NiCd
1.2V
1V
Lead-Acid
2V
1.8V
Silver Oxide
1.6V
1.3V
Carbon-Zinc
1.5V
1.1V
Lithium
2.6V–3.6V
1.7V–2.4V
At V
S
= 2.2V, the LMC6582/4 has a rail-to-rail input
common-mode voltage range.
Figure 4 shows an input volt-
age extending to both supplies and the resulting output.
The amplifier is operational at V
S = 1.8V, with guaranteed in-
put common-mode voltage range, output swing, and CMRR
specs.
Figure 5 shows the response of the LMC6582/4 at V
S
= 1.8V.
Figure 6 shows an input voltage exceeding both supplies
with no resulting phase inversion on the output.
4.0 Capacitive Load Tolerance
The LMC6582/4 can typically drive a 100 pF load with V
S =
10V at unity gain without oscillating. The unity gain follower
is the most sensitive configuration to capacitive load. Direct
capacitive loading reduces the phase margin of op-amps.
The combination of the op-amp’s output impedance and the
capacitive load induces phase lag. This results in either an
underdamped pulse response or oscillation.
Capacitive load compensation can be accomplished using
resistive isolation as shown in
Figure 7. If there is a resistive
component of the load in parallel to the capacitive compo-
nent, the isolation resistor and the resistive load create a
voltage divider at the output. This introduces a DC error at
the output.
Figure 8 displays the pulse response of the LMC6582 circuit
in
Figure 7.
DS012041-6
FIGURE 4. The Input Common-Mode Voltage
Range Extends to Both Supplies at V
S = 2.2V
DS012041-7
FIGURE 5. Response of the LMC6582/4
at V
S = 1.8V
DS012041-8
FIGURE 6. An Input Voltage Signal Exceeds
LMC6582/4 Power Supply Voltages of
V
S = 1.8V with No Output Phase Inversion
DS012041-9
FIGURE 7. Resistive Isolation of a 350 pF Capacitive
Load
DS012041-10
FIGURE 8. Pulse Response of the
LMC6582 Circuit in
Figure 7
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com