Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCU32 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # SCU32
Description  All inputs galvanically isolated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SCU32 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  SCU32 Datasheet HTML 1Page - Laird Tech Smart Technology SCU32 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
CattronControl™
global solutions: local support
TM
+49-2161-6363-0
www.cattron-theimeg.de
www.lairdtech.com
SCU32
WACS_SM_DS_SCU32_EN_1212
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of
Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability
or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies
products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2012 Laird Technologies, Inc. All
Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product
or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
STANDARDS
Safety
EN ISO 13849-1 Categorie 3 PL d
EN ISO 13849-2
Shock
EN 60068-2-27
Vibration
EN 60068-2-6
MISCELLANEOUS
Operation indication
2 LEDs for status and diagnostics
Accessories
External antenna
MECHANICAL DATA
Weight
Approx. 1.8 kg (3.97 Ibs)
Dimensions
(L x W x H)
235 x 170 x 105 mm
(9.25" x 6.69" x 4.13”)
Housing material
Plastic, Styrol Butadien
Standard color Gray
Housing protection
rating
IP65
Interface connection
2 cable glands (standard)
Han24, Han32, Han64 (optional)
others on request
Operating temperature
-20° to +60° C
(-4° to 140° F)
Storage temperature
-40° bis +70°C
(-40° bis +158°F )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com