Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YA9-13 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # YA9-13
Description  Stainless steel construction, low wind loading
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

YA9-13 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  YA9-13 Datasheet HTML 1Page - Laird Tech Smart Technology YA9-13 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SYSTEM ORDERING
9 dB NLOS series 900 MHz Yagi antenna with N female connector
YA9-9
YA9-11
YA9-13
11 dB NLOS series 900 MHz Yagi antenna with N female connector
13 dB NLOS series 900 MHz Yagi antenna with N female connector
NOTES
• All shipments F.O.B. Schaumburg, IL 60173
ANTENNA PATTERNS
YA9-9
E-Plane
YA9-11
E-Plane
YA9-13
E-Plane
YA9-9
H-Plane
YA9-11
H-Plane
YA9-13
H-Plane
Yagi NLOS Antennas
YA9-9/ YA9-11/ YA9-13
ANT-DS-YA9 0316
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2016 Laird Inc. All Rights Reserved.
Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names
may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com