Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6574 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6574
Description  Low Voltage (2.7V and 3V) Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6574 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC6574 Datasheet HTML 5Page - National Semiconductor (TI) LMC6574 Datasheet HTML 6Page - National Semiconductor (TI) LMC6574 Datasheet HTML 7Page - National Semiconductor (TI) LMC6574 Datasheet HTML 8Page - National Semiconductor (TI) LMC6574 Datasheet HTML 9Page - National Semiconductor (TI) LMC6574 Datasheet HTML 10Page - National Semiconductor (TI) LMC6574 Datasheet HTML 11Page - National Semiconductor (TI) LMC6574 Datasheet HTML 12Page - National Semiconductor (TI) LMC6574 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Applications Hints (Continued)
5.0 SPICE MACROMODEL
A spice macromodel is available for the LMC6574/2. This
model includes accurate simulation of:
•
input common-mode voltage range
•
frequency and transient response
•
GBW dependence on loading conditions
•
quiescent and dynamic supply current
•
output swing dependence on loading conditions
and many more characteristics as listed on the macromodel
disk.
Contact your local National Semiconductor sales office to
obtain an operational amplifier spice model library disk.
Typical Single-Supply Applications
DS011934-13
FIGURE 6. Low-Power Two-Op-Amp
Instrumentation Amplifier
DS011934-14
FIGURE 7. Sample and Hold
DS011934-15
FIGURE 8. 1 Hz Square Wave Oscillator
DS011934-16
FIGURE 9. Adder/Subtractor Circuit
DS011934-17
FIGURE 10. Low Pass Filter
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com