Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA17810T/FP Datasheet(PDF) 3 Page - Rohm

Part # BA17810T/FP
Description  Standard 78 series, 3-pin regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA17810T/FP Datasheet(HTML) 3 Page - Rohm

  BA17810T/FP Datasheet HTML 1Page - Rohm BA17810T/FP Datasheet HTML 2Page - Rohm BA17810T/FP Datasheet HTML 3Page - Rohm BA17810T/FP Datasheet HTML 4Page - Rohm BA17810T/FP Datasheet HTML 5Page - Rohm BA17810T/FP Datasheet HTML 6Page - Rohm BA17810T/FP Datasheet HTML 7Page - Rohm BA17810T/FP Datasheet HTML 8Page - Rohm BA17810T/FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BA178!!T / FP series
Regulator ICs
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
11.5
−
26
V
−−
1A
VIN
IO
BA17809T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
12.5
−
25
V
−−
1A
VIN
IO
BA17810T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
15
−
27
V
−−
1A
VIN
IO
BA17812T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
17.5
−
30
V
−−
1A
VIN
IO
BA17815T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
21
−
33
V
−−
1A
VIN
IO
BA17818T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
23
−
33
V
−−
1A
VIN
IO
BA17820T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
VIN
27
−
33
V
IO
−−
1A
BA17824T / FP
"
"
"
"
Electrical characteristics
<BA17805T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=10V, IO=500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
Output voltage 1
VO1
4.8
5.0
5.2
V
IO=500mA
Output voltage 2
VO2
4.75
−
5.25
V
Input stability 1
Reg.I1
−
3
100
mV
Input stability 2
Reg.I2
−
150
mV
Ripple rejection ratio
R.R.
62
78
−
dB
Load regulation 1
Reg.L1
−
15
100
mV
IO=5mA
∼1A
Load regulation 2
Reg.L2
−
550
mV
IO=250
∼750mA
Temperature coefficient of output voltage
TCVO
−−1.0
−
mV/˚C
Output noise voltage
Vn
−
40
−µV
f=10Hz
∼100kHz
Minimum I/O voltage differential
Vd
−
2.0
−
VIO=1A
Bias current
Ib
−
4.5
8.0
mA
IO=0mA
Bias current change 1
Ib1
−−
0.5
mA
Bias current change 2
Ib2
−−
0.8
mA
Peak output current
IO-P
−
1.7
−
ATj=25˚C
Output short-circuit current
IOS
−
0.6
−
AVIN=25V
VIN=7.5
∼20V, IO=5mA∼1A
VIN=7
∼25V, IO=500mA
VIN=8
∼12V, IO=500mA
eIN=1Vrms, f=120Hz, IO =100mA
IO=5mA, Tj =0
∼125˚C
VIN=8
∼25V
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6
IO=5mA
∼1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com