Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLV-005D Datasheet(PDF) 6 Page - All Sensors Corporation

Part # MLV-005D
Description  MLV Series Low Voltage Pressure Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

MLV-005D Datasheet(HTML) 6 Page - All Sensors Corporation

Back Button MLV-005D Datasheet HTML 2Page - All Sensors Corporation MLV-005D Datasheet HTML 3Page - All Sensors Corporation MLV-005D Datasheet HTML 4Page - All Sensors Corporation MLV-005D Datasheet HTML 5Page - All Sensors Corporation MLV-005D Datasheet HTML 6Page - All Sensors Corporation MLV-005D Datasheet HTML 7Page - All Sensors Corporation MLV-005D Datasheet HTML 8Page - All Sensors Corporation MLV-005D Datasheet HTML 9Page - All Sensors Corporation MLV-005D Datasheet HTML 10Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MLV Series Low Voltage Pressure Sensors
0.250 (min)
[6.35]
0.100
[2.60]
F- Flat (Straight) Configuration
0.25
0.010
R- Right Angle 0.100" Configuration
0.075
[1.88]
[4.70]
0.185
0.225 (min)
[5.72]
0.25
0.010
Q- Right Angle 0.075" Configuration
J- Jogged Bend Configuration
D- Barb Fitting Ports A and B Configuration
B- Barb Fitting Port A Only Configuration
1.20
0.047
0.081
2.06
1.24
0.049
0.081
2.06
NOTE: Port Cut Configuration "D" Shown As Reference.
C- Barb Fitting Port B Only Configuration
A- No Fittings Configuration
1.20
0.047
0.081
2.06
Example: MLV-L10D-A6DxF-N
Port Fitting Options
A-Package: Port Fitting Options
Example: MLV-L10D-A6AAx-N
Lead Bend Options
A-Package: Lead Bend Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com