Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD18245 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMD18245
Description  3A, 55V DMOS Full-Bridge Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMD18245 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMD18245 Datasheet HTML 1Page - National Semiconductor (TI) LMD18245 Datasheet HTML 2Page - National Semiconductor (TI) LMD18245 Datasheet HTML 3Page - National Semiconductor (TI) LMD18245 Datasheet HTML 4Page - National Semiconductor (TI) LMD18245 Datasheet HTML 5Page - National Semiconductor (TI) LMD18245 Datasheet HTML 6Page - National Semiconductor (TI) LMD18245 Datasheet HTML 7Page - National Semiconductor (TI) LMD18245 Datasheet HTML 8Page - National Semiconductor (TI) LMD18245 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LMD18245
3A, 55V DMOS Full-Bridge Motor Driver
General Description
The LMD18245 full-bridge power amplifier incorporates all
the circuit blocks required to drive and control current in a
brushed type DC motor or one phase of a bipolar stepper
motor. The multi-technology process used to build the device
combines bipolar and CMOS control and protection circuitry
with DMOS power switches on the same monolithic struc-
ture. The LMD18245 controls the motor current via a fixed
off-time chopper technique.
An all DMOS H-bridge power stage delivers continuous out-
put currents up to 3A (6A peak) at supply voltages up to 55V.
The DMOS power switches feature low R
DS(ON) for high ef-
ficiency, and a diode intrinsic to the DMOS body structure
eliminates the discrete diodes typically required to clamp bi-
polar power stages.
An innovative current sensing method eliminates the power
loss associated with a sense resistor in series with the motor.
A four-bit digital-to-analog converter (DAC) provides a digital
path for controlling the motor current, and, by extension, sim-
plifies implementation of full, half and microstep stepper mo-
tor drives. For higher resolution applications, an external
DAC can be used.
Features
n
DMOS power stage rated at 55V and 3A continuous
n
Low R
DS(ON) of typically 0.3Ω per power switch
n
Internal clamp diodes
n
Low-loss current sensing method
n
Digital or analog control of motor current
n
TTL and CMOS compatible inputs
n
Thermal shutdown (outputs off) at T
J = 155˚C
n
Overcurrent protection
n
No shoot-through currents
n
15-lead TO-220 molded power package
Applications
n
Full, half and microstep stepper motor drives
n
Stepper motor and brushed DC motor servo drives
n
Automated factory, medical and office equipment
Functional Block and Connection Diagram (15-Lead TO-220 Molded Power Package (T) )
DS011878-1
Order Number LMD18245T
See NS Package Number TA15A
April 1998
© 1998 National Semiconductor Corporation
DS011878
www.national.com


Similar Part No. - LMD18245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18245 NSC-LMD18245 Datasheet
1Mb / 21P
3A, 55V DMOS Full-Bridge Motor Driver
logo
Texas Instruments
LMD18245 TI1-LMD18245 Datasheet
1Mb / 30P
LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 TI2-LMD18245 Datasheet
1Mb / 30P
LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
REVISED APRIL 2013
LMD18245T TI1-LMD18245T Datasheet
1Mb / 30P
LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
LMD18245T/NOPB TI1-LMD18245T/NOPB Datasheet
1Mb / 30P
LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
More results

Similar Description - LMD18245

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950 Datasheet
317Kb / 9P
DMOS Full-Bridge Motor Driver
November 4, 2005
A3950 ALLEGRO-A3950_06 Datasheet
530Kb / 12P
DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
DMOS Full-Bridge Motor Driver
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
3A, 55V DMOS Full-Bridge Motor Driver
logo
Allegro MicroSystems
A3949 ALLEGRO-A3949 Datasheet
231Kb / 7P
DMOS Full-Bridge Motor Driver
A3949SLPTR ALLEGRO-A3949SLPTR Datasheet
240Kb / 7P
DMOS Full-Bridge Motor Driver
A3949SLBTR ALLEGRO-A3949SLBTR Datasheet
230Kb / 7P
DMOS Full-Bridge Motor Driver
logo
Texas Instruments
LMD18245 TI1-LMD18245 Datasheet
1Mb / 30P
LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
logo
Allegro MicroSystems
A3949 ALLEGRO-A3949_16 Datasheet
230Kb / 7P
DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950_16 Datasheet
705Kb / 13P
DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com