Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT30AHT Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT30AHT
Description  High Performance Off-Line Controller ActiveSwitcherTM IC Family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT30AHT Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT30AHT Datasheet HTML 2Page - Active-Semi, Inc ACT30AHT Datasheet HTML 3Page - Active-Semi, Inc ACT30AHT Datasheet HTML 4Page - Active-Semi, Inc ACT30AHT Datasheet HTML 5Page - Active-Semi, Inc ACT30AHT Datasheet HTML 6Page - Active-Semi, Inc ACT30AHT Datasheet HTML 7Page - Active-Semi, Inc ACT30AHT Datasheet HTML 8Page - Active-Semi, Inc ACT30AHT Datasheet HTML 9Page - Active-Semi, Inc ACT30AHT Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ACT30
Rev 5, 05-Jun-09
Active-Semi
Innovative Power
TM
- 8 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActiveSwitcher
TM is a trademark of Active-Semi.
Application Example
The application circuit in Figure 5 provides a
5V/0.75A constant voltage/constant current output.
The performance of this circuit is summarized in
Table 2.
Table 2:
System Performance of Circuit in Figure 5
Layout Considerations
The following should be observed when doing
layout for the ACT30:
1) Use a "star point" connection at the GND pin of
ACT30 for the VDD bypass components (C5 and
C6 in Figure 5), the input filter capacitor (C2 in
Figure 5) and other ground connections on the
primary side.
2) Keep the loop across the input filter capacitor,
the transformer primary windings, and the high
voltage transistor, and the ACT30 as small as
possible.
3) Keep ACT30 pins and the high voltage transistor
pins as short as possible.
4) Keep the loop across the secondary windings,
the output diode, and the output capacitors as
small as possible.
5) Allow enough copper area under the high voltage
transistor, output diode, and current shunt
resistor for heat sink.
110VAC
220VAC
Standby Power
0.09W
0.15W
Current Limit
0.75A
0.75A
Full Load Efficiency
65%
67%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com