Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5021 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # W5021
Description  Stick Antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W5021 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  W5021 Datasheet HTML 1Page - Pulse A Technitrol Company W5021 Datasheet HTML 2Page - Pulse A Technitrol Company W5021 Datasheet HTML 3Page - Pulse A Technitrol Company W5021 Datasheet HTML 4Page - Pulse A Technitrol Company W5021 Datasheet HTML 5Page - Pulse A Technitrol Company W5021 Datasheet HTML 6Page - Pulse A Technitrol Company W5021 Datasheet HTML 7Page - Pulse A Technitrol Company W5021 Datasheet HTML 8Page - Pulse A Technitrol Company W5021 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Issue: 1637
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Series: Stick Antenna
Description: 868-928MHz
PART NUMBER: W5021
ELECTRICAL SPECIFICATIONS
2
Frequency
868-928
MHz
Nominal Impedance
50
VSWR
2
Max
Average efficiency
70
%
Peak Gain
2.2
dBi +/- 1 dB
Polarization:
Vertical
Power withstanding
1
W
Connector type
RP-SMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com