Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9373 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # P9373
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P9373 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button P9373 Datasheet HTML 16Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 17Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 18Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 19Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 20Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 21Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 22Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 23Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
SmartACFL
Doc. No. 100444A
Conexant
21
Proprietary Information
Package Dimensions
The package dimensions are shown in Figure 11 (128-pin TQFP), Figure 12 (100-pin TQFP) and Figure 13
(32-pin TQFP).
e
b
D
D1
E1
DETAIL A
DETAIL A
A1
L1
c
L
A
E1
E2
E
D2
D1
A2
Millimeters
0.05
21.75
15.75
0.5
0.17
0.11
1.6 MAX
0.15
1.4 REF
22.25
20.0 REF
18.5 REF
16.25
14.0 REF
12.5 REF
0.75
1.0 REF
0.50 BSC
0.27
0.17
0.08 MAX
0.0020
0.8563
0.6201
0.0197
0.0067
0.0043
A
A1
A2
D
D1
D2
E
E1
E2
L
L1
e
b
c
Coplanarity
Min.
Max.
Min.
Max.
Inches
Dim.
Ref: 128-PIN TQFP (GP00-D264)
* Metric values (millimeters) should be used for
PCB layout. English values (inches) are
converted from metric values and may include
round-off errors.
0.0630 MAX
0.0059
0.0551 REF
0.8760
0.7874 REF
0.7283 REF
0.6398
0.5512 REF
0.4921 REF
0.0295
0.0394 REF
0.0197 BSC
0.0106
0.0067
0.0031 MAX
PD-TQFP-128 (040395)
PIN 1
REF
Figure 11. Package Dimensions - 128-Pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com