Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMF100CCN Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF100CCN
Description  High Performance Dual Switched Capacitor Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF100CCN Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LMF100CCN Datasheet HTML 16Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 17Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 18Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 19Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 20Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 21Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 22Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 23Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
2.0 Modes of Operation (Continued)
TABLE 1. Summary of Modes. Realizable filter types (e.g. low-pass) denoted by asterisks.
Unless otherwise noted, gains of various filter outputs are inverting and adjustable by resistor ratios.
Mode
BP
LP
HP
N
AP
Number of
Adjustable
Notes
Resistors
f
CLK/f0
1
**
*
3No
(2)
May need input buffer.
1a
H
OBP1 = −Q
H
OLP = + 1
2
No
Poor dynamics
H
OBP2 = +1
for high Q.
1b
**
*
3
No
Useful for high
frequency applications.
Yes (above
2
**
*
3f
CLK/50 or
f
CLK/100)
Universal State-
3
**
*
4
Yes
Variable Filter. Best
general-purpose mode.
As above, but also
3a
**
*
*
7
Yes
includes resistor-
tuneable notch.
Gives Allpass res-
4
**
*
3
No
ponse with H
OAP = −1
and H
OLP = −2.
Gives flatter allpass
5
**
*
4
Yes
response than above
if R
1 = R2 = 0.02R4.
6a
**
3
Yes
Single pole.
(2)
6b
H
OLP1 = + 1
2
Yes
Single pole.
6c
**
3
No
Single pole.
7
2
Yes
Summing integrator with
adjustable time constant.
3.0 Applications Information
The LMF100 is a general purpose dual second-order state
variable filter whose center frequency is proportional to the
frequency of the square wave applied to the clock input
(f
CLK). The various clocking options are summarized in the
following table.
Clocking Options
Power Supply
Clock Levels
LSh
V
D
+
−5V and +5V
TTL (0V to +5V)
0V
+5V
−5V and +5V
CMOS (−5V to +5V)
0V
+5V
0V and 10V
TTL (0V to 5V)
0V
+10V
0V and 10V
CMOS (0V to +10V)
+5V
+10V
−2.5V and
+2.5V
CMOS
0V
+2.5V
(−2.5V to +2.5V)
0V and 5V
TTL (0V to +5V)
0V
0V
Power Supply
Clock Levels
LSh
V
D
+
0V and 5V
CMOS (0V to +5V)
+2.5V
+5V
By connecting pin 12 to the appropriate dc voltage, the filter
center frequency, f
0, can be made equal to either fCLK/100 or
f
CLK/50. f0 can be very accurately set (within ±0.6%)byus-
ing a crystal clock oscillator, or can be easily varied over a
wide frequency range by adjusting the clock frequency. If de-
sired, the f
CLK/f0 ratio can be altered by external resistors as
in
Figures 10, 11, 12, 13, 14, 15 and Figure 16. This is useful
when high-order filters (greater than two) are to be realized
by cascading the second-order sections. This allows each
stage to be stagger tuned while using only one clock. The fil-
ter Q and gain are set by external resistor ratios.
All of the five second-order filter types can be built using ei-
ther section of the LMF100. These are illustrated in
Figures
1, 2, 3, 4 and Figure 5 along with their transfer functions and
some related equations.
Figure 6 shows the effect of Q on
the shapes of these curves.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com