Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDXS2UAT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESDXS2UAT
Description  Double ESD protection diodes in SOT23 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS2UAT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESDXS2UAT Datasheet HTML 2Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 3Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 4Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 5Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 6Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 7Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 8Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 9Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2004 Feb 18
6
Philips Semiconductors
Product specification
Double ESD protection diodes
in SOT23 package
PESDxS2UAT series
Notes
1. Non-repetitive current pulse 8/20
µs exponential decay waveform; see Fig.2.
2. Measured either across pins 1 and 3 or pins 2 and 3.
Rdiff
differential resistance
PESD3V3S2UAT
IR =1mA
−−
400
Ω
PESD5V0S2UAT
IR =1mA
−−
80
Ω
PESD12VS2UAT
IR =1mA
−−
200
Ω
PESD15VS2UAT
IR =1mA
−−
225
Ω
PESD24VS2UAT
IR = 0.5 mA
−−
300
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
GRAPHICAL DATA
001aaa147
103
102
104
Ppp
(W)
10
tp (µs)
1104
103
10
102
(1)
(2)
Fig.4
Peak pulse power dissipation as a function
of pulse time; typical values.
Tamb =25 °C.
tp = 8/20 µs exponential decay waveform; see Fig.2.
(1) PESD3V3S2UAT and PESD5V0S2UAT.
(2) PESD12VS2UAT, PESD15VS2UAT, PESD24VS2UAT
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
Ppp
0
Ppp(25˚C)
Fig.5
Relative variation of peak pulse power as a
function of junction temperature; typical
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com