Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE110NS20FD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE110NS20FD
Description  N-CHANNEL 200V - 0.022W - 110A ISOTOP MESH OVERLAY™ Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE110NS20FD Datasheet(HTML) 1 Page - STMicroelectronics

  STE110NS20FD Datasheet HTML 1Page - STMicroelectronics STE110NS20FD Datasheet HTML 2Page - STMicroelectronics STE110NS20FD Datasheet HTML 3Page - STMicroelectronics STE110NS20FD Datasheet HTML 4Page - STMicroelectronics STE110NS20FD Datasheet HTML 5Page - STMicroelectronics STE110NS20FD Datasheet HTML 6Page - STMicroelectronics STE110NS20FD Datasheet HTML 7Page - STMicroelectronics STE110NS20FD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
January 2002
STE110NS20FD
N-CHANNEL 200V - 0.022
Ω - 110A ISOTOP
MESH OVERLAY™ Power MOSFET
(1)ISD ≤110A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
n
TYPICAL RDS(on) = 0.022Ω
n
EXTREMELY HIGH dv/dt CAPABILITY
n
100% AVALANCHE TESTED
n
GATE CHARGE MINIMIZED
n
± 20V GATE TO SOURCE VOLTAGE RATING
n
LOW INTRINSIC CAPACITANCE
n
FAST BODY-DRAIN DIODE:LOW trr, Qrr
DESCRIPTION
Using the latest high voltage MESH OVERLAY™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performances. The new patented STrip layout cou-
pled with the Company’s proprietary edge termina-
tion structure, gives the lowest RDS(ON) per area,
exceptional avalanche and dv/dt capabilities and
unrivalled gate charge and switching characteris-
tics.
APPLICATIONS
n
HIGH CURRENT, HIGH SPEED SWITCHING
n
SWITCH MODE POWER SUPPLY (SMPS)
n
DC-AC CONVERTER FOR WELDING
EQUIPMENT AND UNINTERRUPTABLE
POWER SUPPLY AND MOTOR DRIVE
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STE110NS20FD
200V
< 0.024
Ω
110 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
200
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
200
V
VGS
Gate- source Voltage
±20
V
ID
Drain Current (continuos) at TC = 25°C
110
A
ID
Drain Current (continuos) at TC = 100°C
69
A
IDM (l)
Drain Current (pulsed)
440
A
PTOT
Total Dissipation at TC = 25°C
500
W
Derating Factor
4
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
25
V/ns
VISO
Insulation Winthstand Voltage (AC-RMS)
2500
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
ISOTOP
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STE110NS20FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE110NS20FD STMICROELECTRONICS-STE110NS20FD Datasheet
242Kb / 12P
N-channel 200V - 0.022廓 - 110A - ISOTOP MESH OVERLAY??Power MOSFET
12-May-2006
STE110NS20FD STMICROELECTRONICS-STE110NS20FD_06 Datasheet
242Kb / 12P
N-channel 200V - 0.022廓 - 110A - ISOTOP MESH OVERLAY??Power MOSFET
12-May-2006
More results

Similar Description - STE110NS20FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
Feb-1999
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
Dec-1998
IRF640S STMICROELECTRONICS-IRF640S Datasheet
84Kb / 8P
N - CHANNEL 200V - 0.150ohm - 18A TO-263 MESH OVERLAY] MOSFET
Sep-1999
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY™ MOSFET
Jun-2003
STY100NS20FD STMICROELECTRONICS-STY100NS20FD Datasheet
260Kb / 8P
N-CHANNEL 200V - 0.022ohm - 100A Max247 MESH OVERLAY™ Power MOSFET
Jan-2002
IRF640T STMICROELECTRONICS-IRF640T Datasheet
247Kb / 12P
N-channel 200V - 0.15Ω - 15A - TO-220 MESH OVERLAY??Power MOSFET
06-Oct-2006
STE110NS20FD STMICROELECTRONICS-STE110NS20FD_06 Datasheet
242Kb / 12P
N-channel 200V - 0.022廓 - 110A - ISOTOP MESH OVERLAY??Power MOSFET
12-May-2006
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
Dec-2000
STY100NS20FD STMICROELECTRONICS-STY100NS20FD_06 Datasheet
232Kb / 12P
N-channel 200V - 0.022Ω - 100A - Max247 MESH OVERLAY??Power MOSFET
15-May-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com